Electronic Components Datasheet Search
  English  ▼

X  

175-4021 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 175-4021
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4021 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 175-4021 Datasheet HTML 15Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 16Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 17Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 18Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 19Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 20Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 21Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 22Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
Tip
Socket
RW
5/8
4
8
E-05084
320-0100
5/8
4
12
E-05124
320-0120
3/4
4
8
E-06084
320-0140
3/4
5
8
E-06085
320-0150
3/4
4
12
E-06124
320-0160
3/4
5
12
E-06125
320-0170*
7/8
4
8
E-07084
320-0180
7/8
5
8
E-07085
320-0190
7/8
4
12
E-07124
320-0200
7/8
5
12
E-07125
320-0210
1
4
8
E-08084
320-0220
SHE-08084
321-0220
1
5
8
E-08085
320-0230
SHE-08085
321-0230
1
6
8
E-08086
320-0240*
SHE-08086
321-0240*
1
4
12
E-08124
320-0250
SHE-08124
321-0250
1
5
12
E-08125
320-0260
SHE-08125
321-0260
1
6
12
E-08126
320-0270*
SHE-08126
321-0270*
1-1/4
4
8
E-10084
320-0280
SHE-10084
321-0280
1-1/4
5
8
E-10085
320-0290
SHE-10085
321-0290
1-1/4
6
8
E-10086
320-0300*
SHE-10086
321-0300*
1-1/4
7
8
E-10087
320-0310
SHE-10087
321-0310
1-1/4
4
12
E-10124
320-0320
SHE-10124
321-0320
1-1/4
5
12
E-10125
320-0330
SHE-10125
321-0330
1-1/4
6
12
E-10126
320-0340*
SHE-10126
321-0340*
1-1/4
7
12
E-10127
320-0350
SHE-10127
321-0350
1-1/2
4
8
E-12084
320-0360*
SHE-12084
321-0360
1-1/2
5
8
E-12085
320-0370
SHE-12085
321-0370
1-1/2
5
8
E-12085-A
320-0375*
SHE-12085-A
321-0375*
1-1/2
6
8
E-12086
320-0380
SHE-12086
321-0380
1-1/2
6
8
E-12086-A
320-0385
SHE-12086-A
321-0385
1-1/2
7
8
E-12087
320-0390
SHE-12087
321-0390
1-1/2
4
12
E-12124
320-0410
SHE-12124
321-0410
1-1/2
4
12
E-12124-A
320-0415*
SHE-12124-A
321-0415*
1-1/2
5
12
E-12125
320-0420
SHE-12125
321-0420
1-1/2
5
12
E-12125-A
320-0425*
SHE-12125-A
321-0425*
1-1/2
6
12
E-12126
320-0440*
SHE-12126
321-0440*
1-1/2
7
12
E-12127
320-0450
SHE-12127
321-0450
TUFFALOY
straight welding tip holders
STANDARD
GOLDCROWN
Cross-section of holders with barrels 1 inch or more in diameter.
Cross-section of holders with barrels 7/8 inch or less in diameter.
GOLDCROWN® AND
STANDARD EJECTOR
HOLDERS
with self-adjusting
water tubes
TUFFALOY straight tip-ejecting holders
deliver dependable, first class performance.
They are designed with maximum simplicity
to require minimum maintenance.
All TUFFALOY straight holders now feature
exclusive spring-loaded self-adjusting water
tubes to ensure the proper flow of coolant
through resistance welding electrodes.
The larger ejector holders incorporate
bigger fittings for higher coolant flow rates.
Goldcrown premium holders are made of
extra-strength Class 2 alloy and are ground
and polished to yield greatest conductivity.
Suffix ‘A’ in holder description denotes a threaded tip adapter is supplied
*Item not normally stocked
Barrel
Barrel
Descrip-
Part
Descrip-
Part
Dia.
Length
tion
No.
tion
No.
BARREL LENGTH
EJECTOR TUBE
EJECTOR BUTTON
O-RING SEALS
SELF-ADJUSTING WATER TUBE
18
Part
Descrip-
Taper
THD
No.
tion
Size
195-8550
8550
4RW
5/8-14 NPT
195-8551
8551
5RW
5/8-14 NPT
190-3615
AD-346-1.5
6RW
3/4-14 NPT
ADAPTER SIZE FOR
THREADED BARRELS
THESE ADAPTERS ARE SUPPLIED
with the holder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com