Electronic Components Datasheet Search
  English  ▼

X  

175-4021 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # 175-4021
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4021 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button 175-4021 Datasheet HTML 34Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 35Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 36Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 37Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 38Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 39Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 40Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 41Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
Shank Diameter
Description
Part No.
1
4020
350-4020
1-1/4
4021
350-4021
1-1/2
4022
350-4022
Shank
A
Style
Diameter
Description*
Tip Spacing
(inches)
Range (inches)
4” Body
1
4030
1-1/4 to 2-7/8
1-1/4
4031
1-1/4 to 2-7/8
1-1/2
4032
1-1/4 to 2-7/8
8” Body
1
8030
3 to 6
1-1/4
8031
3 to 6
1-1/2
8032
3 to 6
LOWER ELECTRODES
STANDARD LOWER HOLDER - 2” SPACING 5 RW
SPECIAL LOWER ELECTRODES
In this drawing, two studs
are projection welded in
each welder stroke, using
an Equa-Press dual holder
over a pair of studwelding
electrodes held in PM-
style holders.
Here, four spot welds are
made simultaneously on a
corrugated part. An Equa-
Press dual holder is used
to hold two Teeter-Tip dual
tip adapters.
A Case History: Projection
welding brackets to
automotive frame
assemblies is twice as fast
with an Equa-Press dual tip
holder. Lower welding
fixture acts as an inspection
device, so warped parts are
discovered before welding.
Inspection time and scrap
loss are both reduced.
A Case History: Joining a
piece of metal to itself is
always tough. This job was
done with an Equa-Press
holder - two at a time.
Lower clamp faces, carrying
current, contact parts near
the weld areas to avoid
current bypassing weld
projections. Two standard
swivel tips make four welds,
two per part.
A Case History: Dual spot welding of panelled wall sections
reduced welding costs enough to justify buying welding
machine to do the job in-plant. Equa-Press holder with 5-inch
spacing, and special (but simple) tooling to provide two offset
tip adapters and matching holders were used. Electrodes are
standard TUFFCAP caps.
LOWER HOLDERS AND ELECTRODES
FOR USE WITH EQUA-PRESS HOLDER
A lower, fixed, dual tip holder is offered for use with Equa-Press
Holders. Like the Equa-Press, it has a standard two-inch tip spacing
and helps make two welds at once, precisely alike. The standard
trans-verse bar electrode shown is used when work geometry
doesn’t require tips on the lower side. They are water-cooled.
* When ordering specify center distance and
either 4RW or 5RW sockets
Lower Holder
Shank Diameter
Description
Part No.
1
4030
350-4030
1-1/4
4031
350-4031
1-1/2
4032
350-4032
5
LOWER ELECTRODE
4
1-1/2 SQ.
4
LOWER ELECTRODE
4
2
A
5 RW
4 RW-Special
5RW-Special
BODY
IS 1”
THICK
37
TUFFALOY
multiple welding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com