Electronic Components Datasheet Search
  English  ▼

X  

175-4021 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # 175-4021
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4021 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button 175-4021 Datasheet HTML 42Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 43Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 44Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 45Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 46Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 47Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 48Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 49Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
STANDARD GAUGE DATA
Description
Features
Maximum
Increment
Opening
Extension
Item
Reading
Every
Required
Length
Number
0-1000 lbs/
1 lb
601-8010MD
0-454 Kg
1 Kg
1/4”
10”
601-8045MD-KG
0-3000 lbs/
1 lb
601-8300MD
0-1133 Kg
1 Kg
1/2”
10”
601-8136MD-KG
0-5000 lbs/
1 lb
601-8500MD
0-2270 Kg
1 Kg
1.1”
10”
601-8227MD-KG
0-10,000 lbs/
1 lb
601-8100MD
0-2270 Kg
1 Kg
1.1”
10”
601-9453MD-KG
0-1361 Kg
1 Kg
3/4”
–
601-1361D
0-3000 lbs
1 lb
3/4”
–
601-3000D
0-5000 lbs
1 lb
3/4”
–
601-5000D
0-10,000 lbs
1 lb
3/4”
–
601-9999D
0-3000 lbs
1 lb
3/4”
12”
601-3000D-12S
0-600 lbs
10 lb
3/4”
–
601-8006
0-1000 lbs
20 lb
3/4”
–
601-8010
0-2000 lbs
50 lb
3/4”
–
601-8020
0-2000 lbs
50 lb
3/4”
12”
601-8020-12
0-3000 lbs
20 lb
3/4”
–
601-8030
0-3000 lbs
20 lb
3/4”
12”
601-8030-12
0-5000 lbs
100 lb
3/4”
–
601-5000
0-6000 lbs
50 lb
3/4”
–
601-6000
0-6000 lbs
50 lb
3/4”
18”
601-6000-18
0-10,000 lbs
100 lb
3/4”
–
601-8100
0-5000 Kg
50 Kg
3/4”
–
601-8101
0-20,000 lbs
50 lb
1-3/4”
–
601-20000
Digital-Electronic
Weld Probe
Standard-
Hydraulic*
High-
Capacity
Hydraulic*
Digital-
Hydraulic*
* Hydraulic gauges should be selected to be used near mid-range.
• Analog output
• Auto shut-off
• No-weld setting-
not required
• Accuracy 0.5%
over full range
• Accuracy 2%
• NIST traceable
certification
• Dual reading,
lbs and Kg
• Accuracy 3%
• Metric
equivalent
available
TUFFALOY
weld force gauges
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com