Electronic Components Datasheet Search
  English  ▼

X  

175-4021 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 175-4021
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4021 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 175-4021 Datasheet HTML 16Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 17Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 18Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 19Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 20Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 21Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 22Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 23Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Tip
Socket
RW
5/8
4
8
N-05084
325-0100
5/8
4
12
N-05124
325-0120*
3/4
4
8
N-06084
325-0140
3/4
5
8
N-06085
325-0150*
3/4
4
12
N-06124
325-0160*
3/4
5
12
N-06125
325-0170*
7/8
4
8
N-07084
325-0180
7/8
5
8
N-07085
325-0190*
7/8
4
12
N-07124
325-0200
7/8
5
12
N-07125
325-0210*
1
4
8
N-08084
325-0220
SHN-08084
326-0220
1
4
8
N-08084-A
325-0225
SHN-08084-A
326-0225
1
5
8
N-08085
325-0230
SHN-08085
326-0230
1
5
8
N-08085-A
325-0235*
SHN-08085-A
326-0235*
1
6
8
N-08086
325-0240*
SHN-08086
326-0240*
1
4
12
N-08124
325-0250
SHN-08124
326-0250
1
4
12
N-08124-A
325-0255
SHN-08124-A
326-0255
1
5
12
N-08125
325-0260
SHN-08125
326-0260
1
5
12
N-08125-A
325-0265
SHN-08125-A
326-0265
1
6
12
N-08126
325-0270*
SHN-08126
326-0270*
1-1/4
4
8
N-10084
325-0280*
SHN-10084
326-0280*
1-1/4
4
8
N-10084-A
325-0285
SHN-10084-A
326-0285
1-1/4
5
8
N-10085
325-0290
SHN-10085
326-0290
1-1/4
5
8
N-10085-A
325-0295
SHN-10085-A
326-0295
1-1/4
6
8
N-10086
325-0300*
SHN-10086
326-0300*
1-1/4
7
8
N-10087
325-0310*
SHN-10087
326-0310*
1-1/4
4
12
N-10124
325-0320
SHN-10124
326-0320
1-1/4
4
12
N-10124-A
325-0325*
SHN-10124-A
326-0325*
1-1/4
5
12
N-10125
325-0330
SHN-10125
326-0330
1-1/4
5
12
N-10125-A
325-0335
SHN-10125-A
326-0335
1-1/4
6
12
N-10126
325-0340*
SHN-10126
326-0340*
1-1/4
7
12
N-10127
325-0350*
SHN-10127
326-0350*
1-1/2
4
8
N-12084
325-0360*
SHN-12084
326-0360*
1-1/2
4
8
N-12084-A
325-0365*
SHN-12084-A
326-0365*
1-1/2
5
8
N-12085
325-0370
SHN-12085
326-0370
1-1/2
5
8
N-12085-A
325-0375
SHN-12085-A
326-0375
1-1/2
6
8
N-12086
325-0380*
SHN-12086
326-0380*
1-1/2
7
8
N-12087
325-0390
SHN-12087
326-0390
1-1/2
4
12
N-12124
325-0410*
SHN-12124
326-0410*
1-1/2
5
12
N-12125
325-0420
SHN-12125
326-0420
1-1/2
5
12
N-12125-A
325-0425*
SHN-12125-A
326-0425*
1-1/2
6
12
N-12126
325-0440*
SHN-12126
326-0440*
1-1/2
7
12
N-12127
325-0450*
SHN-12127
326-0450*
STANDARD
GOLDSPOT
Cross-section view of holders with barrels 1 inch or more in diameter.
GOLDSPOT® AND
STANDARD NON-EJECTOR
HOLDERS
with self-adjusting
water tubes
TUFFALOY straight non-ejector holders
are now equipped with the same
springloaded self-adjusting water tubes
as the Goldcrown ejector unit, so electrode
cooling is facilitated and improved. They
are low in initial cost and inexpensive to
maintain. Simple design and few parts
contribute to low maintenance cost and
excellent performance. Holders are heavy-
duty and built to withstand very high
welding rates.
Goldspot premium holders have barrels
of Class 2 alloy, ground and polished for
best conductivity.
Examples of standard holders in use are
shown on page 22.
Suffix “A” in holder description denotes a threaded tip adapter is supplied
*Item not normally stocked
Barrel
Barrel
Descrip-
Part
Descrip-
Part
Dia.
Length
tion
No.
tion
No.
19
TUFFALOY
tip holders
Part
Descrip-
Taper
THD
No.
tion
Size
195-8550
8550
4RW
5/8-14 NPT
195-8551
8551
5RW
5/8-14 NPT
190-3615
AD-346-1.5
6RW
3/4-14 NPT
ADAPTER SIZE FOR
THREADED BARRELS
THESE ADAPTERS ARE SUPPLIED
with the holder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com