Electronic Components Datasheet Search
  English  ▼

X  

175-4021 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # 175-4021
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4021 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button 175-4021 Datasheet HTML 21Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 22Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 23Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 24Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 25Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 26Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 27Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 28Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
3-1/2
4 MIN.
5 MAX.
Shank
Descrip-
Part
Dia.
tion
No.
1
SH-7223
345-7223
1-1/4
SH-7224
345-7224
1-1/2
SH-7225
345-7225
VARIABLE-OFFSET HOLDERS
Type
Nose Length
Descrip-
Part
of Tip
‘A’
tion
No.
Pointed
1”
SE-4408-1
170-4408
Offset
1”
SE-4409-1
170-4409
15° Dome
1”
SE-4410-1
170-4410
30° Dome
1”
SE-4411-1
170-4411
Pointed
2”
SE-4408-2
170-4418
Offset
2”
SE-4409-2
170-4419
15° Dome
2”
SE-4410-2
170-4420
30° Dome
2”
SE-4411-2
170-4421
STRAIGHT-SHANK TIPS
Tuffcap
Nose
Cap
Length
Angle
Type
‘A’
Male
3/4”
90°
SE-4412
170-4422
Male
3/4”
15°
SE-4413
170-4423
Female
1”
90°
SE-4414
170-4424
Female
1”
15°
SE-4415
170-4425
STRAIGHT-SHANK TUFFCAP SHANKS
VARIABLE OFFSET HOLDER AND
STRAIGHT SHANK TIPS
These offset holders provide a range of offset dimensions
rather than one fixed amount, as with other one-piece offset
holders. The top has a long shank and can be moved in or out
to vary the offset anywhere between four and five inches.
The holders, all of Class 3 alloy, are made in three barrel
diameters: 1, 1-1/4, and 1-1/2 inches.
The tips are positional because they have no taper: they
have straight shanks, and are held in any selected position
by a locking-wedge device in the holder.
Tips are made in one and two-piece designs. The one-piece
tips are offered with the nose designs shown. The two-piece
tips are made up by combining the shanks shown here with
Tuffcap caps (normally used with No. 5 RW size Tuffcap
shanks). Either male or female tips can be used, with any
#5 nose design offered on pages 6 & 7. All integral tips and
shanks shown here are of Class 2 alloy.
Descrip-
tion
Part
No.
24
TUFFALOY
variable-offset holders



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com