Electronic Components Datasheet Search
  English  ▼

X  

TM7706 Datasheet(PDF) 13 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7706
Description  16 bit Analog-dIgItal converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7706 Datasheet(HTML) 13 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM7706 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 11Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 12Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 13Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 14Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 15Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 16Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 17Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
©Titan Micro Electronics
www.titanmec.com
-13-
16 bit 模数转换器
TM7706
九、输出噪声
表 1、3 显示了 TM7706 在可选陷波为器件的-3dB 频率时的输出噪声 (有效值 ),由
时钟寄存器的 FS0 和 FS1 选择。这些给出的数字是在双极性输入,VREF = +2.5V,VDD =5V
时的数值。这些数值是器件工作在缓冲模式或非缓冲模式,模拟输入电压为 0V 时产生的典
型值。表 2、4 显示了输出噪声峰-峰值。特别要注意的是这些数字所表示的分辨率将是没有
代码闪烁的。这些数值不是基于有效值 (RSM )而是基于峰-峰值计量的噪声。这些给出
的数值适用于缓冲模式和非缓冲模式下双极性输入范围 (VREF =+1.225V )。 这些数值是
典型值,并靠近最近的 LSB。要求时钟寄存器的 CLK DIV 位置为 0。
表 1
输出噪声(RMS )与增益和输出更新速率的关系(5V 电压 )
Filter First
Typical
Output
RMS Noise in
μ V
Notch and
O/P—3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
1
2
4
8
16
32
64
128
MCLK IN=2.4576MHz
50Hz
13.1Hz
4.1
2.1
1.2
0.75
0.7
0.66
0.63
0.6
60Hz
15.72Hz
5.1
25
1.4
0.8
0.75
0.7
0.67
0.62
250Hz
65.5Hz
110
49
31
17
8
3.6
2.3
1.7
500Hz
131Hz
550
285
145
70
41
22
9.1
4.7
MCLK IN=1MHz
20Hz
5.24Hz
4.1
2.1
1.2
0.75
0.7
0.66
0.63
0.6
25Hz
6.55Hz
5.1
2.5
1.4
0.8
0.75
0.7
0.67
0.62
100Hz
26.2Hz
110
49
31
17
8
3.6
2.3
1.7
200Hz
52.4Hz
550
285
145
70
41
22
9.1
4.7
表 2
峰-峰值 (Peak - Peak )分辨率与增益和输出更新速率的关系 (5V 电压 )
Filter First
Typical Peak-to-Peak Resolution Bits
Notch and
O/P—3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
1
2
4
8
16
32
64
128
MCLK IN=2.4576MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com