Electronic Components Datasheet Search
  English  ▼

X  

TM7706 Datasheet(PDF) 34 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7706
Description  16 bit Analog-dIgItal converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7706 Datasheet(HTML) 34 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM7706 Datasheet HTML 30Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 31Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 32Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 33Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 34Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 35Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 36Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 37Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 38Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
©Titan Micro Electronics
www.titanmec.com
-34-
16 bit 模数转换器
TM7706
图,同样的过程也适用于 TM7706。流程图也显示了两种不同的读选项,第一个是查询 DRDY
引脚以确定数据寄存器更新是何时进行的,第二个是查询通信寄存器中的 DRDY 位以确认
数据寄存器是否进行过更新。流程图中还包括设置不同的工作条件所必须写进寄存器的一系
列字。这些工作条件是指增益为 1,没有滤波同步、双极性模式、无缓冲、4.9512MHz 的
时钟和 50Hz 的输出速率。
TM7706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com