Electronic Components Datasheet Search
  English  ▼

X  

TM7706 Datasheet(PDF) 14 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7706
Description  16 bit Analog-dIgItal converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7706 Datasheet(HTML) 14 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM7706 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 11Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 12Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 13Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 14Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 15Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 16Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 17Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7706 Datasheet HTML 18Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
©Titan Micro Electronics
www.titanmec.com
-14-
16 bit 模数转换器
TM7706
50Hz
13.1Hz
16
16
16
16
16
16
15
14
60Hz
15.72Hz
16
16
16
16
15
14
14
13
250Hz
65.5Hz
13
13
13
13
13
13
12
12
500Hz
131Hz
10
10
10
10
10
10
10
10
MCLK IN=1MHz
20Hz
5.24Hz
16
16
16
16
16
16
15
14
25Hz
6.55Hz
16
16
16
16
15
14
14
13
100Hz
26.2Hz
13
13
13
13
13
13
12
12
200Hz
52.4Hz
10
10
10
10
10
10
10
10
表 3
输出噪声 (RMS )与增益和输出更新速率的关系 (3V 电压 )
Filter First
Typical
Output
RMS Noise in
μV
Notch and
O/P—3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
1
2
4
8
16
32
64
128
MCLK IN=2.4576MHz
50Hz
13.1Hz
3.8
2.4
1.5
1.3
1.1
1.0
0.9
0.9
60Hz
15.72Hz
5.1
2.9
1.7
1.5
1.2
1.0
0.9
0.9
250Hz
65.5Hz
50
25
14
9.9
5.1
2.6
2.3
2.0
500Hz
131Hz
270
135
65
41
22
9.7
5.1
3.3
MCLK IN=1MHz
20Hz
5.24Hz
3.8
2.4
1.5
1.3
1.1
1.0
0.9
0.9
25Hz
6.55Hz
5.1
2.9
1.7
1.5
1.2
1.0
0.9
0.9
100Hz
26.2Hz
50
25
14
9.9
5.1
2.6
23
2.0
200Hz
52.4Hz
270
135
65
41
22
9.7
5.1
3.3
表 4
峰-峰值 (Peak - Peak )分辨率与增益和输出更新速率的关系 (3V 电压 )
Filter First
Typical Peak-to-Peak Resolution Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com