Electronic Components Datasheet Search
  English  ▼

X  

DM45501 Datasheet(PDF) 18 Page - TOKYO SEIMITSU CO., LTD

Part # DM45501
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM45501 Datasheet(HTML) 18 Page - TOKYO SEIMITSU CO., LTD

Back Button DM45501 Datasheet HTML 12Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 13Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 14Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 15Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 16Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 17Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 18Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 19Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 20Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Name
Model
External view
Specifications
Remarks
Compact
measuring
stand
E-ST-S130A
Table size:
410 mm × 200 mm
Max. measuring height:
200 mm
Weight: Approx. 18 kg
Load weight: 20 kg
• Tracing driver height and tilt can be
adjustable depending on a size
and form of a workpiece
Pickup
E-DT-SE18A
5 μm R90°conical diamond,
4mN
• All orientations
• Horizontal tracing possible
• With 0102501 stylus
• For S130A, S-FLEX50A
E-DT-SE19A
2 μm R60°conical diamond,
0.7mN
• Standard accessory
Touch pen
E-MA-S54A
• Specialized for S130A, S480A/B
Battery set
E-MA-S65A
• Battery charger for 130A
• Size: 80 mm × 85 mm × 45 mm
• Weight: Approx. 400 g
• Charging time: 4 hours
Measurements and recording are available
on-site where there is no power source
Contents:
AC adapter, battery charger, battery
• Battery for 130A
• Size: 203 mm × 58 mm × 67 mm
• Weight: Approx. 1.2 g
Roll foot
E-MA-S62A
• Attachment for placing the tracing driver
on a roll shaped object for measurement
• Roll outer diameter: Φ 60 mm or more
E-MA-S63A
• Photo shows unit of E-MA-63A
• Roll outer diameter: Φ 60 mm or more
Dust proof cover
E-MA-S64A
• For Amplification indicator
• Specialized for S130A, S480A/B
All position pickup
holder
E-DH-S107A
• For measuring surface roughness of
slanted surfaces, vertical surfaces, ceiling
surfaces and other non-flat surfaces
•Limited to the skid measurement
Horizontal tracing
pickup holder
E-DH-S17A
• Attachment for horizontal tracing of items,
such as crankshafts which have obstacles
in the front and back in the measuring
direction
(using double-side stradding skid)
•Limited to the skid measurement
Attachment for
tracing driver
E-CA-S62A
• 50 mm tracing driver attached to manual
column (E-CL-S133A)
RS-232C cable
E-SC-S288A
Support 9pin Windows PC
• Cable connected
• Specialized for S130A
Reference
specimen
E-MC-S24C
Calibration surface:
Approx. 3.1 μmRa
Stylus check surface:
Approx. 0.4 μmRa
Measured value described
• For sensitivity calibration and stylus check
• Standard accessory
128 ~178
20
60
330
A
0
3
1
M
O
C
F
R
U
S
INCH
MILLIMETER
50
40
30
20
10
0
410
68
5
60
135
200
Accessories for SURFCOM 130A, FLEX-50A
Surface Texture – Contour
Measuring Instruments
SURFCOM · CONTOURECORD Option
Standard Inventory Parts
98
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com