Electronic Components Datasheet Search
  English  ▼

X  

DM45501 Datasheet(PDF) 12 Page - TOKYO SEIMITSU CO., LTD

Part # DM45501
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM45501 Datasheet(HTML) 12 Page - TOKYO SEIMITSU CO., LTD

Back Button DM45501 Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 10Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 11Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 12Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 13Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 14Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 15Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 16Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Name
Model
External view
Orthogonal axis adjustment
(mm)
Swivel adjust-
ment
Tilt adjust-
ment
Table size
(mm)
Allowable load
(net wt.) (kg)
Remarks
X
Y
Z
Fine Coarse Fine Coarse
Adjustment stand
E-AT-S01D
50
50
8°
360°
Φ 150
20
(7)
• Min. reading
increment 10 μm
Leveling
adjustment stand
E-AT-S02A
±1.5°
80 × 110
15
(3)
Adjustment stand
E-AT-S03A
±2.5
±2°
80 × 58
3
(0.9)
• For E-RM-S75A
E-AT-S04A
±8
±3°
80 × 125
15
(8)
E-AT-S05A
±3
±1°
120 × 58
3
(1.4)
• For E-RM-S76A
E-AT-S36A
±3
±1°
200 × 120
5
(4.5)
• For E-RM-S77A
X-direction
movement
adjustment stand
E-AT-S08A
400
150 × 150
20
(25)
3D fine
adjustment stand
E-AT-S10B
55
55
28
75 × 40
1
(3.4)
• Straightness: 0.03 mm
1-axis precision
fine adjustment stand E-AT-S11B
50
125 × 150
20
(4.9)
• Straightness: 3 μm
• Min. reading value:
10 μm
Swivel fine
rotation stand
E-AT-S12A
±5°
360°
Φ 90
3
(0.58)
• Min. reading value: 5’
1-axis ultra precision
fine adjustment stand E-AT-S13B
10
60 × 60
10
(0.7)
• Straightness: 3 μm
• Min. reading value:
0.5 μm
Tilting stand
E-AT-S64B
±20°
60 × 120
10
(1)
• Min. reading value: 5’
Universal stand
E-WJ-S03A
360°
±90°
Φ 110
3
(2.5)
• X/Y-direction
adjustment
Column rotary spacer
E-CS-S31A*1
H:100
360°
─
• Inserted between
table and column
E-CS-S76A*3
Column spacer
E-CS-S32A*1
H:200
• Inserted between
table and column
E-CS-S77A*3
Tracing driver spacer E-CS-S33A*1
L : 70
• Inserted between
column and tracing
driver
Tracing driver tilting
device
E-CA-S24A*2
E-CA-S85A*3
E-CA-S92A*3
±15°
─
• For contour measurements
E-CA-S85A:
For tracing driver 100 mm
E-CA-S92A:
For tracing driver 200 mm
E-CA-S32A*2
±5°
─
(5)
• For roughness
measurements
E-CA-S101A*3
Standard Inventory Parts
*1: Cannot be used with S3000A Series and S5000 Series.
*2: Cannot be used for Linear Series and S3000A and S5000 Series. For S1400D,S1800D,S2800E,C1600D,C2600E.
*3: For Linear Series and S1400G, C1600G, S1800G, C2600G, S2800G and S2800G Series.
Coarse
movement:
10 μm
Fine movement:
0.5 μm)
Adjustment Devices
Applicable models
S480
S1400
S1500
S2000
S5000
C1600
S1800
C1700/C1710
S1900/S1910
S2000
C2600
S2800
C2700
S2900
S-NEX
Surface Texture – Contour
Measuring Instruments
SURFCOM · CONTOURECORD Option
92
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com