Electronic Components Datasheet Search
  English  ▼

X  

DM45501 Datasheet(PDF) 19 Page - TOKYO SEIMITSU CO., LTD

Part # DM45501
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM45501 Datasheet(HTML) 19 Page - TOKYO SEIMITSU CO., LTD

Back Button DM45501 Datasheet HTML 12Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 13Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 14Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 15Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 16Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 17Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 18Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 19Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 20Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Name
Model
External view
Specifications
Remarks
Pickup
E-DT-SM10A
E-DT-SM49A
E-DT-SM39A
5 μm, 90° conical diamond, 4 mN (For 35B · 40A)
2 μm, 90° conical diamond, 0.75 mN (For 35B · 40A)
5 μm, 90° conical diamond, 4 mN (For 45A)
• For general
measurement
• Standard accessory
E-DT-SM11A
E-DT-SM50A
5 μm, 90° conical diamond, 4 mN (For 35B · 40A)
2 μm, 90° conical diamond, 0.75 mN (For 35B · 40A)
• For fine hole
• Min. inner diameter:
Φ 5 mm
E-DT-SM12A
E-DT-SM51A
5 μm, 90° conical diamond, 4 mN (For 35B · 40A)
2 μm, 90° conical diamond, 0.75 mN (For 35B · 40A)
• For extra fine hole
• Min. inner diameter:
Φ 3 mm
E-DT-SM13A
E-DT-SM52A
5 μm, 90° conical diamond, 4 mN (For 35B · 40A)
2 μm, 90° conical diamond, 0.75 mN (For 35B · 40A)
• For deep groove
• Max. depth: 7 mm
Specialized driver for
the bore roughness
measurement
E-RM-S224C
Measuring range 130 mm
Max. measuring diameter Φ95 mm
Min. measuring diameter Φ71.5 mm
• For HANDYSURF
E-35B and SURFCOM
FLEX-35B
• With attachment
mechanism
Adjustment device
(Rear)
E-WJ-S64A
• Standard accessory
for 35B, 40A
E-WJ-S559A
• Standard accessory
for 45A
Adjustment device
(Front)
E-WJ-S80A
• For 35B, 40A
E-WJ-S560A
• For 45A
Nose piece (Cyl-
inder)
E-WJ-S85A
Place a
V-shaped part
at lower side on
a workpiece for
measurement
Applicable up to
Φ 50
• For 35B
E-WJ-S562A
• For 35B, 40A
Nose piece (Flat)
E-WJ-S88A
Place a
protrusion and
lower side of
tracing driver on
a workpiece for
measurement
• For 35B
E-WJ-S561A
• For 35B, 40A
Nose piece
(V-shape)
E-WJ-S536A
• Standard accessory
for 45A
Nose piece
(contact type)
E-WJ-S563A
• For 45A
Extension adapter
for long hole
DM57506
2 or more
adaptors
cannot be
used.
• For 35B, 40A
Adapter for hori-
zontal measure-
ment
DM57507
• For 35B, 40A
Adapter for bore
measurement
E-WJ-S86A
Place a central pin on a lower bore
• For 35B, 40A
67.5~ 80
長穴測定用アダプタ
(DT57507)
駆動部(E-RM-S59A)
ピックアップ(E-DT-SM10A)
4.5
1.5
68
22
横トレ-スホルダ
(DT57507)
駆動部(E-RM-S59A)
ピックアップ(E-DT-SM10A)
Accessories for HANDYSURF E-35B, 40A, 45A and SURFCOM FLEX-35B, 40A, 45A
最小測定径:Ø71.5
最大測定径:Ø95
100
クランプ解除レバー
ワーク端面
クランプローラ
0
10
20
30
40
50
60
70
80
120
90
100
110
130
130 (測定範囲)
340
Standard Inventory Parts
99
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com