Electronic Components Datasheet Search
  English  ▼

X  

DM45501 Datasheet(PDF) 5 Page - TOKYO SEIMITSU CO., LTD

Part # DM45501
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM45501 Datasheet(HTML) 5 Page - TOKYO SEIMITSU CO., LTD

  DM45501 Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 5Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Measuring application
Model
External view
Specifications
Remarks
Low measuring
force
E-DT-SS01A
2 μmR,
60° conical diamond,
0.75 mN
• All orientations
• Horizontal tracing possible
• Provided as standard S1500, S1900, S1910, S2900,
S-NEX001 (Specialized for Linear/NEX Series)
• With DM43801 stylus
General purpose E-DT-SS08A
For S1500, S1900, and S2900 DX/SD types
5 μmR,
90° conical diamond,
4 mN
• All orientations
• Horizontal tracing possible
• With 0102501 stylus
General purpose
E-DT-S01A
E-DT-SE18A
5 μmR,
90° conical diamond,
4 mN
• All orientations
• Horizontal tracing possible
• With 0102501 stylus
• E-DT-SE18A: for S130A/S-FLEX50A
Soft materials
E-DT-S02A
10 μmR,
90° conical diamond,
0.75 mN
• All orientations
• Horizontal tracing possible
• With 0102508 stylus
Low measuring
force
E-DT-S03A
E-DT-SE19A
2 μmR,
60° conical diamond,
0.75 mN
• All orientations
• Horizontal tracing possible
• Standard specifications
• With DM43801 stylus
• E-DT-SE19A: for S130A/S-FLEX50A
High magnification
E-DT-S04A
1 μmR,
60° conical diamond,
0.75 mN
• All orientations
• Horizontal tracing possible
• With 0102506 stylus
Non-continuous
measurement
E-DT-S05A
5 μmR,
90° conical diamond,
4 mN
• All orientations
• Horizontal tracing possible
• Front travel: 110 to 120 μm
• Other specifications are same as for
E-DT-S01A
Grooves in holes
E-DT-S06A
5 μmR,
90° conical diamond,
4 mN
• Skidless measurement only
• Max. magnification: x10000
• Dedicated connecting rod required
(010 2746)
• With 0102542 dedicated stylus
Ultra deep
grooves
E-DT-S07A
5 μmR,
90° conical diamond,
5 mN
• Stylus can not be replaced
• Max. magnification: x10000
• Sensitivity: 1/2
• Large waveform distortion
E-DT-S122A
2 μmR,
60° conical diamond,
4 mN
Ultra long holes
E-DT-S08A
5 μmR,
90° conical diamond,4 mN
• Stylus can not be replaced
• Max. magnification: x5000
• Sensitivity: 1/5
E-DT-S137A
2 μmR,
60° conical diamond,4 mN
High magnification
E-DT-SH01A
• Max. magnification: x500000
• Measuring force:0.2 mN
• With 016 2854 stylus
Stylus for
E-DT-SH01A
0162854
1 μmR, 90° conical diamond • Included with E-DT-SA01A as standard
010 2567
1 μmR, 60° conical diamond
010 2210
10 μmR, 60° conical diamond
010 2211
5 μmR, 60° conical diamond
010 2212
0.5 μmR, 60° conical diamond
010 2213
0.5 μmR, 90° 2.5 μm width
knife edge, diamond
Thin pickup
DM42001
DM42011
DM42012
5 μmR,
90° conical diamond
10 mN,
horizontal tracing possible
Max. magnification: x5000 or less
• With 0102501 dedicated stylus
DM42001: for S1400, S1800, S2800
DM42011: for S480
DM42012: for models preceding S590A
• DM42020: for Linear Series/NEX Series
Pickup holder
for thin pickup
E-DH-S60A
• Used for horizontal tracing of
crankshaft pins, journals,
or other such parts.
Non-contact
measurement
E-DT-SL12B
Measuring range: 300 μm
Spot diameter: 2 μm
Work distance: 4.5 mm
• Color confocal point type
• Light source: Halogen light bulb
• Life: 1000h
Pickups
Applicable models
FLEX-50
S130
S1400
S1500
S1900
S1910
S480
S1800
S2800
S2900
Standard Inventory Parts
9.1
23
123.6
85
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com