Electronic Components Datasheet Search
  English  ▼

X  

DM45501 Datasheet(PDF) 6 Page - TOKYO SEIMITSU CO., LTD

Part # DM45501
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM45501 Datasheet(HTML) 6 Page - TOKYO SEIMITSU CO., LTD

Back Button DM45501 Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 5Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD DM45501 Datasheet HTML 10Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Name
Model
External view
Specifications
Remarks
General purpose DM48505
2 μmR,
60° conical diamond,
0.75 mN
• Stroke: 13 mm (S5000)
12mm (S3000)
5mm (S-NEX 100)
• For roughness and contour
measurement
General purpose
highly rigid
stylus
DM84071
(Old model: DM48507)
2 μmR,
60° conical diamond,
0.75 mN
• Stroke: 13 mm (S5000)
12mm (S3000)
5mm (S-NEX 100)
• For roughness and contour
measurement
• S5000DX/SD standard
accessory
Highly rigid sty-
lus for contours
2X arm
DM48508
Φ 1 ruby ball,
0.75 mN
• Stroke: 26 mm (S5000)
24mm (S3000)
10mm (S-NEX 100)
• For contour measurement
only
Highly rigid sty-
lus for contours
2.5X arm
DM48509
Φ 1 ruby ball,
3.2 mN
• Stroke: 32.5 mm (S5000)
30mm (S3000)
12.5mm (S-NEX 100)
• For contour measurement
only
Offset measure-
ment stylus
DM48511
2 μmR,
60° conical diamond,
0.75 mN
• Stroke: 13 mm (S5000)
12mm (S3000)
5mm (S-NEX 100)
• For roughness and contour
measurement
Offset measure-
ment stylus
2X arm
DM48742
25 μmR,
24° conical carbide,
4 mN or less
• Stroke: 26 mm (S5000)
24mm (S3000)
10mm (S-NEX 100)
• For contour measurement
only
Small hole stylus DM48513*
1
2 μmR,
60° conical diamond,
0.75 mN
• Stroke: 13 mm (S5000)
12mm (S3000)
5mm (S-NEX 100)
• For roughness and contour
measurement
Extra small hole
stylus
DM48514
2 μmR,
60° conical diamond,
0.75 mN
• Stroke: 13 mm (S5000)
12mm (S3000)
5mm (S-NEX 100)
• For roughness and contour
measurement
Deep hole stylus DM48515
2 μmR,
60° conical diamond,
0.75 mN
• Stroke: 13 mm (S5000)
12mm (S3000)
5mm (S-NEX 100)
• For roughness and contour
measurement
Stylus for
fine contours
DM48588
5 μmR,
30° conical diamond,
0.75 mN
• Stroke: 13 mm (S5000)
12mm (S3000)
5mm (S-NEX 100)
• For roughness and contour
measurement
Stylus for ridge/
tooth tip mea-
surement
DM48774
2 μmR,
60° knife edge-shaped
diamond,
0.75 mN
• Stroke: 13 mm (S5000)
12mm (S3000)
5mm (S-NEX 100)
• For roughness and contour
measurement
Replaceable Styli for S5000DX/S3000/SNEX
Applicable models
S5000DX/SD
S3000A
SNEX100
*1 Requires master ball calibration unit for small holes. *Special stylus will be studied and proposed in accordance with customer’s workpieces.
Standard Inventory Parts
2 or less
Surface Texture – Contour
Measuring Instruments
SURFCOM · CONTOURECORD Option
86
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com