Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 36 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 36 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 32Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 33Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 34Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 35Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 36Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 37Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 38Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 39Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 40Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
28
Track ID: JATR-2265-11
Rev. 1.1
8.1.7.
Parameter – Supported PCM Size, Rates
(Verb ID=F00h, Parameter ID=0Ah)
Parameters here provide default information about formats. Individual converters have their own
parameters to provide supported formats if their ‘Format Override’ bit is set.
Table 23. Parameter – Supported PCM Size, Rates (Verb ID=F00h, Parameter ID=0Ah)
Codec Response Format
Bit
Description
31:21
Reserved. Read as 0’s.
20
B32. 32-bit audio format support.
0: Not supported
1: Supported
19
B24. 24-bit audio format support.
0: Not supported
1: Supported
18
B20. 20-bit audio format support.
0: Not supported
1: Supported
17
B16. 16-bit audio format support.
0: Not supported
1: Supported
16
B8. 24-bit audio format support.
0: Not supported
1: Supported
15:12
Reserved. Read as 0’s.
11
R12. 384kHz (=8×48kHz) rate support.
0: Not supported
1: Supported
10
R11. 192kHz (=4×48kHz) rate support.
0: Not supported
1: Supported
9
R10. 176.4kHz (=4×44.1kHz) rate support.
0: Not supported
1: Supported
8
R9. 96kHz (=2×48kHz) rate support.
0: Not supported
1: Supported
7
R8. 88.2kHz (=2×44.1kHz) rate support.
0: Not supported
1: Supported
6
R7. 48kHz rate support.
0: Not supported
1: Supported
5
R6. 44.1kHz rate support.
0: Not supported
1: Supported
4
R5. 32kHz (=2/3×48kHz) rate support.
0: Not supported
1: Supported
3
R4. 22.05kHz (=1/2×44.1kHz) rate support.
0: Not supported
1: Supported
2
R3. 16kHz (=1/3×48kHz) rate support.
0: Not supported
1: Supported
1
R2. 11.025kHz (=1/4×44.1kHz) rate support.
0: Not supported
1: Supported
0
R1. 8kHz (=1/6×48kHz) rate support.
0: Not supported
1: Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com