Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 15 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 15 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 11Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 12Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 13Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 14Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 15Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 16Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 17Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 18Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 19Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
7
Track ID: JATR-2265-11
Rev. 1.1
6. Pin Descriptions
Table 1.
Pin Descriptions
Name
Type
Pin Description
Characteristic Definition
DVDD
P
1
Digital Core Power
Digital VDD (3.3V)
GPIO0/
DMIC-CLK/
SPDIF-OUT2
IO1
2
General Purpose Input/Output/
Digital MIC Clock Output/
Secondary SPDIF Out to HDMI
Transmitter
Digital Input: Schmitt trigger, VIL =0.4×DVDD,
VIH =0.6×DVDD, internal 50K pull up
Digital Output: VOL <0.1×DVDD, VOH >0.9×DVDD
6mA@75
Ω Output driving
REGREF
-
3
Reference for Integrated
Regulator
10µF capacitor to digital ground
GPIO1/
DMIC-DATA
IO1
4
General Purpose Input/Output/
Digital MIC Stereo Channel
Input
Digital Input: Schmitt trigger, VIL =0.4×DVDD,
VIH =0.6×DVDD, internal 50K pull up
Digital Output: VOL <0.1×DVDD, VOH >0.9×DVDD
SDATA-OUT
I
5
Serial TDM Data Input
Digital Input: Schmitt trigger,
VIL =0.4×DVDD-IO, VIH =0.6×DVDD-IO
BITCLK
I
6
24MHz Clock
Digital Input: Schmitt trigger,
VIL =0.4×DVDD-IO, VIH =0.6×DVDD-IO
DVSS
G
7
Digital Ground
Digital ground
SDATA-IN
IO
8
Serial TDM Data Output
Digital Input: Schmitt trigger,
VIL =0.4×DVDD-IO, VIH =0.6×DVDD-IO
Digital Output:
VOL <0.1×DVDD-IO, VOH >0.9×DVDD-IO
DVDD-IO
P
9
Digital Power for HD Link
Scalable Digital VDD (1.5V~3.3V)
SYNC
I
10
48KHz Frame SYNC Signal
Digital Input: Schmitt trigger,
VIL =0.4×DVDD-IO, VIH =0.6×DVDD-IO
RESET#
I
11
H/W Reset Input
Digital Input: Schmitt trigger,
VIL =0.4×DVDD-IO, VIH =0.6×DVDD-IO
BEEP
I
12
External PC Beep Input
Analog Input: 1.6Vrms of full-scale input
Sense A
-
13
Jack Detect for Resistor Network Connector {5.1K, 10K, 20K, 39.2K} with 1% accuracy
LINE2-L
IO
14
Analog Input and Output with
Multiple Function (Left)
Analog I/O (PORT-E-L), default 2nd line input.
Recommended to be re-tasking port at front panel
LINE2-R
IO
15
Analog Input and Output with
Multiple Function (Right)
Analog I/O (PORT-E-R), default 2nd line input.
Recommended to be re-tasking port at front panel
MIC2-L
IO
16
Analog Input and Output with
Multiple Function (Left)
Analog I/O (PORT-F-L), default 2nd mic input.
Recommended to be re-tasking port at front panel
MIC2-R
IO
17
Analog Input and Output with
Multiple Function (Right)
Analog I/O (PORT-F-R), default 2nd mic input.
Recommended to be re-tasking port at front panel
CD-L
I
18
CD Input Left Channel
Analog Input: 1.6Vrms of full-scale input
CD-GND
I
19
CD Input Reference Ground
Analog Input: 1.6Vrms of full-scale input
CD-R
I
20
CD Input Right Channel
Analog Input: 1.6Vrms of full-scale input
MIC1-L
IO
21
Analog Input and Output with
Multiple Function (Left)
Analog I/O (PORT-B-L), default 1st mic input.
Recommended to be microphone input at rear panel
MIC1-R
IO
22
Analog Input and Output with
Multiple Function (Right)
Analog I/O (PORT-B-R), default 1st mic input.
Recommended to be microphone input at rear panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com