Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 39 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 39 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 35Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 36Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 37Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 38Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 39Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 40Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 41Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 42Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 43Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
31
Track ID: JATR-2265-11
Rev. 1.1
8.1.12. Parameter – Connect List Length
(Verb ID=F00h, Parameter ID=0Eh)
Parameters in this node provide audio function widget connection information.
Table 28. Parameter – Connect List Length (Verb ID=F00h, Parameter ID=0Eh)
Codec Response Format
Bit
Description
31:8
Reserved. Read as 0.
7
Short Form.
0: Short form
1: Long form
6:0
Connect List Length.
Indicates the number of inputs connected to a widget. If the Connect List Length is 1, there is only one
input, and there is no Connection Select Control (not a MUX widget).
8.1.13. Parameter – Supported Power States
(Verb ID=F00h, Parameter ID=0Fh)
Table 29. Parameter – Supported Power States (Verb ID=F00h, Parameter ID=0Fh)
Codec Response Format
Bit
Description
31
Extended Power States Supported (EPSS).
1: Extended power states EPSS is supported
30
CLKSTOP.
1: D3 mode operates even there is no BITCLK presents on the link
29:4
Reserved. Read as 0’s.
3
D3Sup.
1: Power state D3 is supported
2
D2Sup.
1: Power state D2 is supported
1
D1Sup.
1: Power state D1 is supported
0
D0Sup.
1: Power state D0 is supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com