Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 61 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 61 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 57Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 58Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 59Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 60Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 61Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 62Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 63Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 64Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 65Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
53
Track ID: JATR-2265-11
Rev. 1.1
8.25. Verb – Get Volume Knob Widget (Verb ID=F0Fh)
Table 56. Verb – Get Volume Knob (Verb ID=F0Fh)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=21h
Verb ID= F0Fh
0’s
Bit[31:8]=0s, Bit[7:0] is Volume
Codec Response for NID = 21h (Volume Knob Widget)
Bit
Description
31:8
Reserved.
7
Direct.
0: The volume generated by external HW volume control will be sent by unsolicited response. Software is
responsible for programming the amplifier appropriately
1: The volume generated by external HW volume control will directly affect the volume of the amplifier.
6:0
Volume in Steps.
Note: The ALC892 does not support Volume Knob Widget and will ignore this verb and respond with 0’s.
8.26. Verb – Set Volume Knob Widget (Verb ID=70Fh)
Table 57. Verb – Set Volume Knob (Verb ID=70Fh)
Set Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=21h
Verb ID= 70Fh
Bit[7] is ‘Direct’ Control
0’s
‘Payload’ in Command Bit[7:0]
Bit
Description
31:8
Reserved.
7
Direct.
0: The volume generated by external HW volume control will be sent by unsolicited response. Software is
responsible for programming the amplifier appropriately
1: The volume generated by external HW volume control will directly affect the volume of the amplifier.
6:0
Reserved.
Note: The ALC892 does not support Volume Knob Widget and will ignore this verb and respond with 0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com