Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 57 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 57 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 53Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 54Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 55Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 56Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 57Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 58Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 59Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 60Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 61Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
49
Track ID: JATR-2265-11
Rev. 1.1
8.17. Verb – Get Converter Stream, Channel (Verb ID=F06h)
Table 48. Verb – Get Converter Stream, Channel (Verb ID=F06h)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=F06h
0’s
Stream & Channel [7:0]
Codec Response for NID=02h~05h,25h, 06h, 10h (Output Converters: Front, Surr, Cen/LFE, Side-Surr, Fout DAC,
SPDIF-OUT, SPDIF-OUT2)
Codec Response for NID=08h~0Ah (Input Converters: LINE ADC, MIX DAC, and SPDIF-IN)
Bit
Description
31:8
Reserved. Read as 0’s.
7:4
Stream[3:0].
The link stream used by the converter. 0000b is stream 0, 0001b is stream 1, etc.
3:0
Channel[3:0].
The lowest channel used by the converter. A stereo converter will use the set channel n as well as n+1 for its
left and right channel.
Codec Response for other NID
Bit
Description
31:0
Not Supported (Returns 00000000h).
8.18. Verb – Set Converter Stream, Channel (Verb ID=706h)
Table 49. Verb – Set Converter Stream, Channel (Verb ID=706h)
Set Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=706h
Stream & Channel [7:0]
0’s for All Nodes
‘Stream and Channel’ in Command Bit[7:0]
Bit
Description
31:8
Reserved. Read as 0’s.
7:4
Set Stream[3:0].
The link stream used by the converter. 0000b is stream 0, 0001b is stream 1, etc.
1:0
Set Channel[3:0].
The lowest channel used by the converter. A stereo converter will use the set channel n as well as n+1 for its
left and right channel.
Note: This verb assigns stream and channel for output converters (NID=02h~06h, 25h, 10h) and input converters
(NID=08h~0Ah). Other widgets will ignore this verb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com