Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 49 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 49 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 45Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 46Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 47Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 48Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 49Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 50Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 51Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 52Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 53Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
41
Track ID: JATR-2265-11
Rev. 1.2
Codec Response for NID=23h (Sum Widget before ADC 08h)
Bit
Description
31:24
Connection List Entry (N+3).
Returns 1Bh (Pin Complex – LINE2) for N=0~3.
Returns 15h (Pin Complex-SURR) for N=4~7.
Returns 00h for N>7.
23:16
Connection List Entry (N+2).
Returns 1Ah (Pin Complex – LINE1) for N=0~3.
Returns 14h (Pin Complex – FRONT) for N=4~7.
Returns 0Bh (Sum Widget) for N=8~11.
Returns 00h for N>11.
15:8
Connection List Entry (N+1).
Returns 19h (Pin Complex – MIC2) for N=0~3.
Returns 1Dh (Pin Complex – PCBEEP) for N=4~7.
Returns 17h (Pin Complex – SIDESURR) for N=8~11.
Returns 00h for N>11.
7:0
Connection List Entry (N).
Returns 18h (Pin Complex – MIC1) for N=0~3.
Returns 1Ch (Pin Complex – CD) for N=4~7.
Returns 16h (Pin Complex – CEN/LFE) for N=8~11.
Returns 00h for N>11.
Codec Response for Other NID
Bit
Description
31:0
Not Supported (Returns 00000000h).
8.5. Verb – Get Processing State (Verb ID=F03h)
Table 36. Verb – Get Processing State (Verb ID=F03h)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=F03h
0’s
32-bit Response
Codec Response for All NID
Bit
Description
31:0
Not Supported (Returns 00000000h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com