Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 57 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 57 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 53Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 54Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 55Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 56Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 57Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 58Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 59Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 60Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 61Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
49
Track ID: JATR-2265-11
Rev. 1.2
8.15. Verb – Get Power State (Verb ID=F05h)
Table 46. Verb – Get Power State (Verb ID=F05h)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=01h
Verb ID=Ah
0’s
Power State [7:0]
Codec Response for NID=01h (Audio Function Group)
Codec Response for NID=02h~05h, 25h, 08h, 09h (Audio Input/Output Converter)
Codec Response for NID=11h, 12h, 14h~1Fh (Pin Widget)
Codec Response for NID=06h, 10h, 0Ah (Audio Input/Output Converter)
Bit
Description
31:6
Reserved. Read as 0’s.
5:4
PS-Act. Actual Power State [1:0].
00: Power state is D0
01: Power state is D1
10: Power state is D2
11: Power state is D3
PS-Act indicates the actual power state of the referenced node. For Audio Function Group nodes
(NID=01h), PS-Act is always equal to PS-Set.
3:2
Reserved. Read as 0’s.
1:0
PS-Set. Set Power State [1:0].
00: Power state is D0
01: Power state is D1
10: Power state is D2
11: Power state is D3
PS-Set controls the current power setting of the referenced node.
Codec Response for other NID
Bit
Description
31:0
Not Supported (Returns 00000000h).
8.16. Verb – Set Power State (Verb ID=705h)
Table 47. Verb – Set Power State (Verb ID=705h)
Set Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=01h
Verb ID=705h
Power State [7:0]
0’s for All Nodes
‘Power State’ in Command Bit[7:0]
Bit
Description
7:6
Reserved. Read as 0’s.
5:4
PS-Act. Actual Power State [1:0].
00: Power state is D0
01: Power state is D1
10: Power state is D2
11: Power state is D3
PS-Act indicates the actual power state of the referenced node.
3:2
Reserved. Read as 0’s.
1:0
PS-Set. Set Power State [1:0].
00: Power state is D0
01: Power state is D1
10: Power state is D2
11: Power state is D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com