Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 11 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 11 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 7Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 8Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 9Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 10Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 11Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 12Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 13Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 14Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 15Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
3
Track ID: JATR-2265-11
Rev. 1.2
Supports 3.3V digital core power, 1.5V or 3.3V digital I/O power for HD Audio link, and 5.0V
analog power
Intel low power ECR compliant and power status control for each analog/digital converter and pin
widget
48-pin LQFP ‘Green’ package
2.2. Software Features
Meets Microsoft WLP 3.x and future WLP audio requirements
WaveRT-based audio function driver for Windows Vista and Windows 7
Direct Sound 3D™ compatible
I3DL2 compatible
7.1+2 channel multi-streaming enables concurrent gaming/VoIP
Emulation of 26 sound environments to enhance gaming experience
Multiband software equalizer and tools provided
Voice Cancellation and Key Shifting effect
Dynamic range control (expander, compressor, and limiter) with adjustable parameters
Intuitive Configuration Panel (Realtek Audio Manager) to enhance user experience
Microphone Acoustic Echo Cancellation (AEC), Noise Suppression (NS), and Beam Forming (BF)
technology for voice applications
Smart multiple streaming operation
HDMI audio driver for AMD platform
Optional Dolby PCEE program, SRS TruSurround HD, SRS Premium Sound, Fortemedia SAM,
Creative Host Audio, Synopsys Sonic Focus, DTS Surround Sensation | UltraPC, and DTS Connect
licenses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com