Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 65 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 65 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 61Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 62Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 63Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 64Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 65Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 66Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 67Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 68Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 69Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
57
Track ID: JATR-2265-11
Rev. 1.2
8.28. Verb – Set Configuration Default Bytes 0, 1, 2, 3
(Verb ID=71Ch/71Dh/71Eh/71Fh for Bytes 0, 1, 2, 3)
The BIOS can use this verb to figure out the default conditions for the Pin Widgets 14h~1Bh, 11h, 12h,
1Eh, and 1Fh, e.g., placement and expected default device.
Table 61. Verb – Set Configuration Default Bytes 0, 1, 2, 3
Set Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=71Ch,
71Dh, 71Eh, 71Fh
Label [7:0]
0’s for All Nodes
Note: Supported by Pin Widget NID=14h~1Bh (Port-A~Port-H), 1Ch (CD-IN), 1Dh (BEEP-IN), 1Eh (SPDIF-OUT), 1Fh
(SPDIF-IN), 11h (SPDIF-OUT2), and 12h (Digital MIC). Other widgets will ignore this verb.
Codec Response for All NID
Bit
Description
31:0
0’s.
8.29. Verb – Get BEEP Generator (Verb ID=F0Ah)
Table 62. Verb – Get BEEP Generator (Verb ID= F0Ah)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID= F0Ah
0’s
Divider [7:0]
‘Response’ for NID=01h (Audio Function Group)
Bit
Description
31:8
Reserved.
7:0
Frequency Divider, F[7:0].
The internal BEEP frequency is the result of dividing the 48kHz clock by 4 times the number specified in
F[7:0].
The lowest tone is 48kHz/(255×4)=47Hz.
The highest tone is 48kHz/(1×4)=12kHz.
A value of 00h in F[7:0] disables the internal BEEP generator and allows external PCBEEP input.
Codec Response for Other NID
Bit
Description
31:0
0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com