Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 61 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 61 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 57Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 58Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 59Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 60Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 61Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 62Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 63Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 64Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 65Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
53
Track ID: JATR-2265-11
Rev. 1.2
8.23. Verb – Get Pin Sense (Verb ID=F09h)
Returns the Presence Detect status and the impedance of a device attached to the pin.
Table 54. Verb – Get Pin Sense (Verb ID=F09h)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID= F09h
0’s
32-bit Response
Codec Response for NID = 14h~1Bh, 11h, 1Eh, 1Fh
Bit
Description
31
Presence Detect Status.
0: No device is attached to the pin
1: Device is attached to the pin
30:0
Measured Impedance.
The ALC892 does not support hardware impedance detection. This field is read as 0s.
Codec Response for other NID
Bit
Description
31:0
Not Supported (Returns 00000000h).
8.24. Verb – Execute Pin Sense (Verb ID=709h)
Table 55. Verb – Execute Pin Sense (Verb ID=709h)
Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID= 709h
Right Channel[0]
0’s for All Nodes
‘Payload’ in Command Bit[7:0]
Bit
Description
7:1
Reserved. Read as 0’s.
0
Right (Ring) Channel Select.
0: Sense Left channel (Tip)
1: Sense Right channel (Ring)
The ALC892 does not support hardware impedance sensing and will ignore this control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com