Electronic Components Datasheet Search
  English  ▼

X  

AD9958BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9958BCPZ
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9958BCPZ Datasheet HTML 4Page - Analog Devices AD9958BCPZ Datasheet HTML 5Page - Analog Devices AD9958BCPZ Datasheet HTML 6Page - Analog Devices AD9958BCPZ Datasheet HTML 7Page - Analog Devices AD9958BCPZ Datasheet HTML 8Page - Analog Devices AD9958BCPZ Datasheet HTML 9Page - Analog Devices AD9958BCPZ Datasheet HTML 10Page - Analog Devices AD9958BCPZ Datasheet HTML 11Page - Analog Devices AD9958BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD9958
Rev. 0 | Page 8 of 40
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Maximum Junction Temperature
150°C
DVDD_I/O (Pin 49)
4 V
AVDD, DVDD
2 V
Digital Input Voltage (DVDD_I/O = 3.3 V)
−0.7 V to +4 V
Digital Output Current
5 mA
Storage Temperature
–65°C to +150°C
Operating Temperature
–40°C to +85°C
Lead Temperature (10 sec Soldering)
300°C
θJA
21°C/W
θJC
2°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
EQUIVALENT INPUT AND OUTPUT CIRCUITS
CMOS
DIGITAL
INPUTS
AVOID OVERDRIVING
DIGITAL INPUTS.
FORWARD BIASING
DIODES MAY COUPLE
DIGITAL NOISE ON
POWER PINS.
DVDD_I/O = 3.3V
INPUT
OUTPUT
DAC OUTPUTS
TERMINATE OUTPUTS
INTO AVDD. DO NOT
EXCEED OUTPUTS'
VOLTAGE COMPLIANCE.
IOUT
IOUT
REF_CLK INPUTS
REF_CLK INPUTS ARE
INTERNALLY BIASED AND
NEED TO BE AC-COUPLED.
OSC INPUTS ARE DC-
COUPLED.
AMP
REF_CLK
REF_CLK
OSC
AVDD
1.5k
Ω
AVDD
1.5k
Ω
AVDD
Z
Z
Figure 2.
Figure 3.
Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com