Electronic Components Datasheet Search
  English  ▼

X  

AD9958BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9958BCPZ
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9958BCPZ Datasheet HTML 19Page - Analog Devices AD9958BCPZ Datasheet HTML 20Page - Analog Devices AD9958BCPZ Datasheet HTML 21Page - Analog Devices AD9958BCPZ Datasheet HTML 22Page - Analog Devices AD9958BCPZ Datasheet HTML 23Page - Analog Devices AD9958BCPZ Datasheet HTML 24Page - Analog Devices AD9958BCPZ Datasheet HTML 25Page - Analog Devices AD9958BCPZ Datasheet HTML 26Page - Analog Devices AD9958BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AD9958
Rev. 0 | Page 23 of 40
The AD9958 has the ability to ramp up or ramp down (RU/RD)
the output amplitude (using the 10-bit output scalar) before and
after a linear sweep. If the RU/RD feature is desired, unused
profile pins or unused SDIO_1:3 pins can be configured for the
RU/RD operation.
To enable linear sweep mode for a particular channel, AFP bits
(CFR <23:22>), modulation level bits (FR1 <9:8>), and the
linear sweep enable bit (CFR <14>) are programmed. The AFP
bits determine the type of linear sweep to be performed. The
modulation level bits must be set to 00 (2-level) for that specific
channel (see Table 19 and Table 20).
Table 19.
AFP
CFR <23:22>
Linear Sweep Enable
CFR <14>
Description
0
0
1
N/A
0
1
1
Amplitude sweep
1
0
1
Frequency sweep
1
1
1
Phase sweep
Table 20.
Modulation Level Bits FR1 <9:8>
Description
0
0
2-level modulation
0
1
4-level modulation
1
0
8-level modulation
1
1
16-level modulation
Setting the Slope of the Linear Sweep
The slope of the linear sweep is set by the intermediate step size
(delta-tuning word) between S0 and E0 and the time spent
(sweep ramp rate word) at each step. The resolution of the
delta-tuning word is 32 bits for frequency, 14 bits for phase, and
10 bits for amplitude. The resolution for the delta ramp rate
word is 8 bits.
In linear sweep, each channel is assigned a rising delta word
(RDW, Register 0x08) and a rising sweep ramp rate word
(RSRR, Register 0x07). These settings apply when sweeping up
towards E0. The falling delta word (FDW, Register 0x09) and
falling sweep ramp rate (FSRR, Register 0x07) apply when
sweeping down towards S0.
Note the sweep accumulator overflows if the rising or falling
delta word is too large. To prevent this from happening, the
magnitude of the rising or falling delta word should not be
greater than the difference between full scale and the E0 value
(full scale − E0). For a frequency sweep, full scale is 231−1. For
a phase sweep, full scale is 214 −1. For an amplitude sweep, full
scale is 210−1.
The following graph displays a linear sweep up and then down
using a profile pin. Note that the no-dwell bit is disabled; other-
wise, the sweep accumulator returns to 0 upon reaching EO.
RDW
RSRR
FSRR
∆f,p,a
FDW
TIME
SO
EO
PROFILE PIN
∆f,p,a
∆t
∆t
Figure 35.
For a piecemeal or a nonlinear transition between S0 and E0,
the delta-tuning words and ramp rate words can be repro-
grammed during the transition to produce the desired response.
The formulae for calculating the step size of RDW or FDW for
delta frequency, delta phase, or delta amplitude are as follows:
CLK
SYNC
RDW
f
_
2
32
×
⎟
⎠
⎞
⎜
⎝
⎛
=
∆
(Hz)
°
×
⎟
⎠
⎞
⎜
⎝
⎛
=
360
2
14
RDW
ΔΦ
1024
2
10
×
⎟
⎠
⎞
⎜
⎝
⎛
=
∆
RDW
a
(DAC full-scale current)
The formula for calculating delta time from RSRR or FSRR is
CLK
SYNC
RSRR
t
_
/
1
2
8
×
⎟
⎠
⎞
⎜
⎝
⎛
=
At 500 MSPS operation (SYNC_CLK =125 MHz), the maxi-
mum time interval between steps is 1/125 MHz × 256 = 2.048 µs.
The minimum time interval is (1/125 MHz) × 1 = 8.0 ns.
The sweep ramp rate block (timer) consists of a loadable 8-bit
down counter that continuously counts down from the loaded
value to 1. When the ramp rate timer equals 1, the proper ramp
rate value is loaded and the counter begins counting down to 1
again. This load and count down operation continues for as
long as the timer is enabled. However the count can be reloaded
before reaching 1 by either of the following two methods.
Method one is by changing the profile pin. When the profile pin
changes from Logic 0 to Logic 1, the rising sweep ramp rate
register (RSRR) value is loaded into the ramp rate timer, which
then proceeds to count down as normal. When the profile pin
changes from Logic 1 to Logic 0, the falling sweep ramp rate
register (FSRR) value is loaded into the ramp rate timer, which
then proceeds to count down as normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com