Electronic Components Datasheet Search
  English  ▼

X  

AD9958BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9958BCPZ
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9958BCPZ Datasheet HTML 5Page - Analog Devices AD9958BCPZ Datasheet HTML 6Page - Analog Devices AD9958BCPZ Datasheet HTML 7Page - Analog Devices AD9958BCPZ Datasheet HTML 8Page - Analog Devices AD9958BCPZ Datasheet HTML 9Page - Analog Devices AD9958BCPZ Datasheet HTML 10Page - Analog Devices AD9958BCPZ Datasheet HTML 11Page - Analog Devices AD9958BCPZ Datasheet HTML 12Page - Analog Devices AD9958BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD9958
Rev. 0 | Page 9 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
SYNC_IN
2
SYNC_OUT
3
MASTER_RESET
4
PWR_DWN_CTL
5
AVDD
6
AGND
7
AVDD
8
CH0_IOUT
9
CH0_IOUT
10
AGND
11
AVDD
12
AGND
13
CH1_IOUT
14
CH1_IOUT
35
AVDD
36
AVDD
37
AVDD
38
NC
39
AVDD
40
P0
41
P1
42
P2
34
NC
33
AVDD
32
NC
31
AVDD
30
AVDD
29
AVDD
TOP VIEW
(Not to Scale)
AD9958
NOTES
1. THE EXPOSED EPAD ON BOTTOM SIDE OF PACKAGE IS
AN ELECTRICAL CONNECTION AND MUST BE
SOLDERED TO GROUND.
2. PIN 49 IS DVDD_IO AND IS TIED TO 3.3V.
Figure 5. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
SYNC_IN
I
Used to Synchronize Multiple AD9958s. Connects to the SYNC_OUT pin of the
master AD9958 device.
2
SYNC_OUT
O
Used to Synchronize Multiple AD9958s. Connects to the SYNC_IN pin of the slave
AD9958 devices.
3
MASTER_RESET
I
Active High Reset Pin. Asserting the MASTER_RESET pin forces the AD9958’s
internal registers to their default state, as described in the Register Map.
4
PWR_DWN_CTL
I
External Power-Down Control.
5, 7, 11, 15, 19, 21,
26, 29, 30, 31, 33,
35, 36, 37, 39
AVDD
I
Analog Power Supply Pins (1.8 V).
6, 10, 12, 16, 18, 20,
25
AGND
I
Analog Ground Pins.
45, 55
DVDD
I
Digital Power Supply Pins (1.8 V).
44, 56
DGND
I
Digital Power Ground Pins.
8
CH0_IOUT
O
True DAC Output. Terminates into AVDD.
9
CH0_IOUT
O
Complementary DAC Output. Terminates into AVDD.
13
CH1_IOUT
O
True DAC Output. Terminates into AVDD.
14
CH1_IOUT
O
Complementary DAC Output. Terminates into AVDD.
17
DAC_RSET
I
Establishes the Reference Current for all DACs. A 1.91 kΩ resistor (nominal) is
connected from Pin 17 to AGND.
22
REF_CLK
I
Complementary Reference Clock/Oscillator Input. When the REF_CLK is operated
in single-ended mode, this pin should be decoupled to AVDD or AGND with a
0.1 µF capacitor.
23
REF_CLK
I
Reference Clock/Oscillator Input. When the REF_CLK is operated in single-ended
mode, this is the input. See Modes of Operation section for the reference clock
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com