Electronic Components Datasheet Search
  English  ▼

X  

AD9958BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9958BCPZ
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9958BCPZ Datasheet HTML 1Page - Analog Devices AD9958BCPZ Datasheet HTML 2Page - Analog Devices AD9958BCPZ Datasheet HTML 3Page - Analog Devices AD9958BCPZ Datasheet HTML 4Page - Analog Devices AD9958BCPZ Datasheet HTML 5Page - Analog Devices AD9958BCPZ Datasheet HTML 6Page - Analog Devices AD9958BCPZ Datasheet HTML 7Page - Analog Devices AD9958BCPZ Datasheet HTML 8Page - Analog Devices AD9958BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
2-Channel 500 MSPS DDS
with 10-Bit DACs
AD9958
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
2 synchronized DDS channels @ 500 MSPS
Independent frequency/phase/amplitude control between
channels
Matched latencies for frequency/phase/amplitude changes
Excellent channel-to-channel isolation (>72 dB)
Linear frequency/phase/amplitude sweeping capability
Up to 16 levels of frequency/phase/amplitude modulation
(pin-selectable)
2 integrated 10-bit D/A converters (DACs)
Individually programmable DAC full-scale currents
32-bit frequency tuning resolution
14-bit phase offset resolution
10-bit output amplitude scaling resolution
Serial I/O Port (SPI) with 800Mbps data throughput
Software-/hardware-controlled power-down
Dual supply operation (1.8 V DDS core/3.3 V serial I/O)
Multiple device synchronization
Selectable 4× to 20× REF_CLK multiplier (PLL)
Selectable REF_CLK crystal oscillator
56-Lead LFCSP
APPLICATIONS
Agile local oscillator
Phased array radar/sonar
Instrumentation
Synchronized clocking
RF source for AOTF
Single-side band suppressed carrier
Quadrature communications
FUNCTIONAL BLOCK DIAGRAM
AD9958
32
32
10
15
IOUT
10
Σ
Σ
Σ
DAC
COS(X)
DDS CORE
IOUT
32
∆FTW
FTW
SYNC_CLK
CLK_MODE_SEL
BUFFER/
XTAL
OSCILLATOR
SYSTEM
CLK
1.8V
AVDD
DVDD
SYNC_IN
SYNC_OUT
I/O_UPDATE
32
32
PHASE/
∆PHASE
AMP/
∆AMP
10
14
10
15
IOUT
10
Σ
Σ
Σ
DAC
IOUT
DAC_RSET
REF_CLK
REF_CLK
PWR_DWN_CTL
MASTER_RESET
SCLK
SDIO_0
SDIO_1
SDIO_2
SDIO_3
CS
TIMING AND CONTROL LOGIC
SCALABLE
DAC REF
CURRENT
MUX
I/O
PORT
BUFFER
CONTROL
REGISTERS
CHANNEL
REGISTERS
PROFILE
REGISTERS
÷4
REF CLOCK
MULTIPLIER
4
× TO 20×
1.8V
PS0 PS1 PS2 PS3
DVDD_I/O
COS(X)
DDS CORE
Figure 1.


Similar Part No. - AD9958BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9958BCPZ AD-AD9958BCPZ Datasheet
659Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9958BCPZ AD-AD9958BCPZ Datasheet
810Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
11/2016-Rev. B to Rev. C
AD9958BCPZ-REEL7 AD-AD9958BCPZ-REEL7 Datasheet
659Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9958BCPZ-REEL7 AD-AD9958BCPZ-REEL7 Datasheet
810Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
11/2016-Rev. B to Rev. C
More results

Similar Description - AD9958BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9959 AD-AD9959 Datasheet
246Kb / 9P
4 Channel 500MSPS DDS with 10-bit DACs
AD9958 AD-AD9958_08 Datasheet
659Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9959 AD-AD9959_08 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
logo
Texas Instruments
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
11/2016-Rev. B to Rev. C
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
LVDS Interface, 500 MSPS DACs
8/2017-Rev. B to Rev. C
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com