Electronic Components Datasheet Search
  English  ▼

X  

AD9958BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9958BCPZ
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9958BCPZ Datasheet HTML 18Page - Analog Devices AD9958BCPZ Datasheet HTML 19Page - Analog Devices AD9958BCPZ Datasheet HTML 20Page - Analog Devices AD9958BCPZ Datasheet HTML 21Page - Analog Devices AD9958BCPZ Datasheet HTML 22Page - Analog Devices AD9958BCPZ Datasheet HTML 23Page - Analog Devices AD9958BCPZ Datasheet HTML 24Page - Analog Devices AD9958BCPZ Datasheet HTML 25Page - Analog Devices AD9958BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AD9958
Rev. 0 | Page 22 of 40
2-Level Modulation Using Profile Pins for RU/RD
When the RU/RD bit = 01, Profile Pins P2 and P3 are available
for RU/RD. Note that only a modulation level of two is available
in this mode. See Table 13 for available pin assignments.
Table 13.
Profile Pin
Config. Bits
FR1 <14:12>
P0
P1
P2
P3
Description
1
0
1
CH0
CH1
CH0
CH1
2-level
modulation
RU/RD
RU/RD
With RU/RD, CH0,
CH1
8-Level Modulation Using a Profile Pin for RU/RD
When the RU/RD bit = 10, Profile Pin P3 is available for
RU/RD. Note that only a modulation level of eight is available.
See Table 14 for available pin assignments.
Table 14.
Profile Pin Config. Bits
FR1 <14:12>
P0
P1
P2
P3
Description
x
1
0
CH0 CH0 CH0 CH0
RU/RD
8-level modulation
with RU/RD,
CH0
x
1
1
CH1 CH1 CH1 CH1
RU/RD
8-level modulation
with RU/RD,
CH1
MODULATION USING SDIO PINS FOR RU/RD
For RU/RD bits = 11, SDIO Pins 1, 2, and 3 are available for
RU/RD. In this mode, modulation levels of 2/4/16 are available.
Note that the serial I/O port can only be used in 1-bit serial
mode.
2-Level Modulation Using SDIO Pins for RU/RD
Table 15.
Profile Pin Config. Bits
FR1 <14:12>
P0
P1
P2
P3
x
x
x
N/A
N/A
CH0
CH1
For this configuration, each profile pin is dedicated to a specific
channel. In this case, the SDIO pins can be used for the RU/RD
function, as described in Table 16.
Table 16.
SDIO Pins
1
2
3
Description
1
0
0
Triggers the ramp-up function for CH0
1
0
1
Triggers the ramp-down function for CH0
1
1
0
Triggers the ramp-up function for CH1
1
1
1
Triggers the ramp-down function for CH1
4-Level Modulation Using SDIO Pins for RU/RD
For RU/RD = 11 (SDIO Pins 1 and 2 are available for RU/RD),
the modulation level is set to four. See Table 17 for pin
assignments, including SDIO pin assignments.
Table 17.
Profile Pin Config.
Bits FR1 <14:12>
P0
P1
P2
P3
SDIO 1 SDIO 2 SDIO 3
1
0
1
CH0 CH0
CH1 CH1 CH0
CH1
N/A
RU/RD RU/RD
For the configuration shown in Table 17, the profile register is
chosen based on the two bit value presented to <P1:P2> or
<P3:P4>.
For example, if PPC = 101, <P0:P1> = 11, and <P2:P3> = 01,
then the contents of Profile Register 3 of Channel 0 are
presented to Channel 0’s output and the contents of Profile
Register 1 of Channel 1 are presented to Channel 1’s output.
SDIO Pins 1 and 2 provide the RU/RD function.
16-Level Modulation Using SDIO Pins for RU/RD
RU/RD = 11 (SDIO Pin 1 available for RU/RD) and the level is
set to 16. See the pin assignment shown in the Table 18.
Table 18.
Profile Pin
Configuration
FR1<14:12>
P0
P1
P2
P3
SDIO
1
SDIO
2
SDIO
3
x
1
0
CH0
CH0
CH0
CH0
CH0
NA
NA
RU/RD
x
1
1
CH1
CH1
CH1
CH1
CH1
NA
NA
RU/RD
For the configuration shown in Table 18, the profile register is
chosen based on the 4-bit value presented to <P0:P3>. For
example, if PPC = X11 and <P0-P3> = 1101, then the contents
of Profile Register 13 of Channel 1 is presented to Channel 1.
The SDIO_1 pin provides the RU/RD function.
LINEAR SWEEP (SHAPED) MODULATION MODE
Linear sweep enables the user to sweep frequency, phase, or
amplitude from a starting point (S0) to an endpoint (E0). The
purpose of linear sweep modes is to provide better bandwidth
containment compared to direct modulation by replacing
greater instantaneous changes with more gradual, user-defined
changes between S0 and E0.
In linear sweep mode, S0 is loaded into Profile Register 0
(Profile 0 is represented by one of the three Registers 0x04,
0x05, or 0x06 depending on the type of sweep) and E0 is always
loaded into Profile Register 1 (Register 0x0A). If E0 is
configured for frequency sweep, the resolution is 32 bits, phase
sweep is 14 bits, and amplitude sweep is 10 bits. When sweeping
phase or amplitude, the word value must be MSB-aligned in
Profile 1 register. The unused bits are don’t care bits.
The profile pins are used to trigger and control the direction of
the linear sweep for frequency, phase, and amplitude. Both
channels can be programmed separately for a linear sweep. In
linear sweep mode, Profile Pin 2 is dedicated to Channel 0.
Profile Pin 3 is dedicated to Channel 1, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com