Electronic Components Datasheet Search
  English  ▼

X  

MSM7650 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7650
Description  NTSC/PAL Digital Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7650 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM7650 Datasheet HTML 2Page - OKI electronic componets MSM7650 Datasheet HTML 3Page - OKI electronic componets MSM7650 Datasheet HTML 4Page - OKI electronic componets MSM7650 Datasheet HTML 5Page - OKI electronic componets MSM7650 Datasheet HTML 6Page - OKI electronic componets MSM7650 Datasheet HTML 7Page - OKI electronic componets MSM7650 Datasheet HTML 8Page - OKI electronic componets MSM7650 Datasheet HTML 9Page - OKI electronic componets MSM7650 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
¡ Semiconductor
MSM7650
6/34
PIN DESCRIPTIONS (2/2)
Pin
46
47
48
49
50
51
52
53
54
55 to 57
58
59
60
61
62
63
64
65 to 72
73 to 80
I/O
I
O
O
I
I/O
I
I
I
I
I
I
I
I
I
I
I
Symbol
TEST4
TOUT1
TOUT2
ADRS
SDA
SCL
RESET_L
MS
INTERLACE
MODE[2]
to MODE[0]
OLC
OLB
OLG
OLR
GND
VDD3
VDD5
YD0 to YD7
CD0 to CD7
Description
Input pin 4 for testing. Normally, fixed to "0".
Output pin for testing
Output pin for testing
I2C-bus subaddress setting pin. One of two addresses switchable can be
selected as subaddress.
1: 1000110/0: 1000100
I2C-bus data pin
I2C-bus clock pin
System reset pin. "1" at an open state by an internal pull-up resistor
Operation mode select signal pin for synchronization circuit.
1: master/0: slave. "1" at an open state by an internal pull-up resistor
Interlace/noninterlace select signal pin.
1: interlaced/0: noninterlaced. "1" at an open state by an internal pull-up
resistor
Video mode select pins
These pins are valid when MR[7] is "1".
Transparent control signal
Overlay signal is displayed when this pin is "H".
Overlay text color (Blue component)
Overlay text color (Green component)
Overlay text color (Red component)
Digital GND
3.3V power supply
5.0V power supply
Digital image luminance signal data input pin
Level is based on ITU-601. YD7 is MSB.
Digital image chrominance signal data input pin
Level is based on ITU-601. CD7 is MSB.
000: NTSC CCIR
100: PAL CCIR
"000" at an open state by an internal pull-down resistor
001: NTSC Square Pixel
101: PAL Square Pixel
010: NTSC 4Fsc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com