Electronic Components Datasheet Search
  English  ▼

X  

MSM7650 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7650
Description  NTSC/PAL Digital Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7650 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7650 Datasheet HTML 3Page - OKI electronic componets MSM7650 Datasheet HTML 4Page - OKI electronic componets MSM7650 Datasheet HTML 5Page - OKI electronic componets MSM7650 Datasheet HTML 6Page - OKI electronic componets MSM7650 Datasheet HTML 7Page - OKI electronic componets MSM7650 Datasheet HTML 8Page - OKI electronic componets MSM7650 Datasheet HTML 9Page - OKI electronic componets MSM7650 Datasheet HTML 10Page - OKI electronic componets MSM7650 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
¡ Semiconductor
MSM7650
7/34
ABSOLUTE MAXIMUM RATINGS
Parameter
Power Supply Voltage
Input Voltage
Analog Output Current
Power Consumption
Storage Temperature
Symbol
VDD5
VDD3
AVDD
VI
IO
PW
TSTG
Condition
Ta=25°C
Ta=25°C
Ta=25°C
Ta=25°C
—
—
—
Rating
–0.3 to +7
–0.3 to +4.5
–0.3 to +4.5
–0.3 to VDD5 +0.3
40
800
–55 to +150
Unit
V
V
mA
mW
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Power Supply Voltage
Power Supply Voltage
Low Level Input Voltage
Symbol
VDD5
VDD3
AVDD
GND
AGND
VIH1
VIL
Condition
Ta=25˚C
Ta=25˚C
Ta=25˚C
Ta=25˚C
Ta=25˚C
SDA, CLKX1,
Except CLKX2,
Ta=25˚C
—
Typ.
5.0
3.3
3.3
0.0
0.0
—
—
Unit
V
V
V
V
Operating Temperature Range
Ta
—
—
˚C
Min.
4.5
3.0
3.0
—
—
2.2
0.0
0.0
Max.
5.5
3.6
3.6
—
—
VDD5
0.5
70
External Reference Voltage (*1)
Vrefex
—
1.25
V
——
DA Current Setting Resistance (*2)
Riadj
—
330
W
——
DA Output Load Resistance
RL
—75
W
——
High Level Input Voltage
VIH2
SDA, Ta=25˚C
—
V
0.8VDD5
VDD5
VIH3
CLKX1,CLKX2,
Ta=25˚C
—V
2.4
VDD5
(*1)
When external reference voltage is not supplied, internal reference voltage is as
follows.
Internal Reference Voltage
Vrefin
—
—
V
1.15
1.45
(*2)
A volume control resistor of approx. 500W is recommendable for adjusting the output
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com