Electronic Components Datasheet Search
  English  ▼

X  

MSM7650 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM7650
Description  NTSC/PAL Digital Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7650 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM7650 Datasheet HTML 1Page - OKI electronic componets MSM7650 Datasheet HTML 2Page - OKI electronic componets MSM7650 Datasheet HTML 3Page - OKI electronic componets MSM7650 Datasheet HTML 4Page - OKI electronic componets MSM7650 Datasheet HTML 5Page - OKI electronic componets MSM7650 Datasheet HTML 6Page - OKI electronic componets MSM7650 Datasheet HTML 7Page - OKI electronic componets MSM7650 Datasheet HTML 8Page - OKI electronic componets MSM7650 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
¡ Semiconductor
MSM7650
1/34
¡ Semiconductor
MSM7650
NTSC/PAL Digital Encoder
GENERAL DESCRIPTION
The MSM7650 is a digital NTSC/PAL encoder. By inputting digital image data conforming to
CCIR Rep624-4, it outputs analog composite video signals and analog S video signals. For the
scanning system, interlaced or noninterlaced mode can be selected.
Since the MSM7650 is provided with pins dedicated to overlay function, text and graphics can
be superimposed on a video signal.
In addition, this encoder has an internal 9-bit DAC. So, when compared with using a conventional
analog encoder, the number of components, the board space, and points of adjustment can
greatly be reduced, thereby realizing a low cost and high-accuracy system.
The host interface provided conforms to Philips's I2C specifications, which reduces
interconnections between this encoder and mounting components.
The internal synchronization signal generator (SSG) allows the MSM7650 to operate in master
or slave mode.
FEATURES
• Video signal system: NTSC/PAL
• Scanning system: interlaced/noninterlaced
• Input digital level: conforms to ITU-601 (CCIR601)
• Input-output timing: conforms to CCIR Rep 624-4
• Input signal (sampling ratio)
Y:Cb:Cr (4:2:2/4:1:1)
• Supported sampling rates
•
NTSC 4Fsc (14.32 MHz)
•
NTSC ITU-R601 (13.5 MHz)
•
NTSC Square Pixel (12.27 MHz)
•
PAL ITU-R601 (13.5 MHz)
•
PAL Square Pixel (14.75 MHz)
• Internal SSG circuit (internally generates sync signals)
• Operation by external synchronization possible
• Internal 3ch 9-bit DAC (samples by double frequency)
• 3-bit title graphics can be displayed
•I2C-bus host interface function
• Package
80-pin plastic QFP (QFP80-P-1420-0.80-BK)
(Product name: MSM7650GS-BK)
E2F0003-27-X1
This version: Jan. 1998
Previous version: Oct. 1997


Similar Part No. - MSM7650

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
NTSC/PAL Digital Video Encoder
MSM7653 OKI-MSM7653 Datasheet
254Kb / 36P
NTSC/PAL Digital Video Encoder
MSM7653GS-2K OKI-MSM7653GS-2K Datasheet
254Kb / 36P
NTSC/PAL Digital Video Encoder
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
MSM7654GA OKI-MSM7654GA Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
More results

Similar Description - MSM7650

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65675FP MITSUBISHI-M65675FP Datasheet
83Kb / 17P
DIGITAL NTSC/PAL ENCODER
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
DIGITAL NTSC/PAL ENCODER
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
NTSC / PAL digital RGB encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
NTSC/PAL Digital Video Encoder
logo
Renesas Technology Corp
M65677FP RENESAS-M65677FP Datasheet
134Kb / 9P
Digital NTSC/PAL Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
logo
STMicroelectronics
STV0116 STMICROELECTRONICS-STV0116 Datasheet
1Mb / 21P
PAL/NTSC DIGITAL ENCODER
Oct-1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com