Electronic Components Datasheet Search
  English  ▼

X  

MSM7650 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7650
Description  NTSC/PAL Digital Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7650 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7650 Datasheet HTML 4Page - OKI electronic componets MSM7650 Datasheet HTML 5Page - OKI electronic componets MSM7650 Datasheet HTML 6Page - OKI electronic componets MSM7650 Datasheet HTML 7Page - OKI electronic componets MSM7650 Datasheet HTML 8Page - OKI electronic componets MSM7650 Datasheet HTML 9Page - OKI electronic componets MSM7650 Datasheet HTML 10Page - OKI electronic componets MSM7650 Datasheet HTML 11Page - OKI electronic componets MSM7650 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
¡ Semiconductor
MSM7650
8/34
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
VOH
Condition
IOH=–4mA (*1)
IOH=–8mA (*2)
IOL=4mA (*1)
Typ.
—
Unit
Low Level Output Voltage
VOL
IOL=8mA (*2)
—V
Min.
0.8VDD5
0
Max.
VDD5
0.6
High Level Output Voltage
V
Input Leak Current
II
VI=GND to VDD5
—
mA
–10
10
Output Leak Current
IO
VI=GND to VDD5 (*3)
—
mA
–10
10
Power Supply Current (operating)
IDDO
CLKX1=13.5MHz
120
mA
—
140
Power Supply Current (standby)
IDDS
RESET_L="L"
65
mA
—80
I2 C-bus SDA Output Voltage
SDAVL
Low level, IOL=3mA
—V
0
0.4
I2C-bus SDA Output Current
SDAIO
During Acknowledge
—mA
3—
(Ta=0 to +70°C, VDD3=3.3V±0.3V, VDD5=5V±10%)
Internal Reference Voltage
Vrefin
—
—
V
1.15
1.45
DA Output Load Resistance
RL
—75
W
Integral Linearity
SINL
±2
LSB
Differential Linearity
SDNL
±1
LSB
CLKX2=27.0MHz
CLKX1=CLKX2=0Hz
(*1)
HSYNC_L, VSYNC_L, SDA, TO, CT[7:0]
(*2)
CLKX2O
(*3)
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com