Electronic Components Datasheet Search
  English  ▼

X  

MSM7650 Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM7650
Description  NTSC/PAL Digital Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7650 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM7650 Datasheet HTML 10Page - OKI electronic componets MSM7650 Datasheet HTML 11Page - OKI electronic componets MSM7650 Datasheet HTML 12Page - OKI electronic componets MSM7650 Datasheet HTML 13Page - OKI electronic componets MSM7650 Datasheet HTML 14Page - OKI electronic componets MSM7650 Datasheet HTML 15Page - OKI electronic componets MSM7650 Datasheet HTML 16Page - OKI electronic componets MSM7650 Datasheet HTML 17Page - OKI electronic componets MSM7650 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
¡ Semiconductor
MSM7650
14/34
OUTPUT FORMAT
Output Level
When the output level of the operation mode is NTSC, the content of the output level differs
depending on setup level setting by internal registers.
When the setup level is set, data is output with Black-White as 92.5 IRE.
When the setup level is not set, data is output with Black-White as 100 IRE.
However, the setup level setting above is valid only when NTSC is selected as operation mode,
and setup level does not exist when PAL is selected as the operation mode.
When the contents of 100% luminance order color bar are input to the encoder, the DAC input
level is as follows.
–20
0
7.5
11
20
30
41
59
70
89
100
133
–40
59
114
135
144
169
197
227
276
307
359
389
480
4
DAC data Lumi [IRE]
Composite Wave Form (NTSC)
White
Yellow
Cyan
Green
Magenta
Red
Blue
Black
NTSC composite signal (setup: 7.5 IRE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com