Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7601 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-7601
Description  CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7601 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7601 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics
Description
Symbol
Characteristics
Unit
Installation classification per DIN VDE 0109*/12.83, Table 1
for rated mains voltage
≤300 VRMS
I-IV
for rated mains voltage
≤600 VRMS
I-III
Climatic Classification
40/85/21
Pollution Degree (DIN VDE 0109/12.83)*
2
Maximum Working Insulation Voltage
VIORM
600
VRMS
848
Vpeak
Input to Output Test Voltage, Method b**
VPR = 1.6 X VIORM
VPR
960
VRMS
Production test with tP = 1 sec,
Partial discharge < 5 pC
1357
Vpeak
Input to Output Test Voltage, Method a**
VPR = 1.2 X VIORM
VPR
720
VRMS
Production test with tP = 60 sec,
Partial discharge < 5 pC
1018
Vpeak
Highest Allowable Overvoltage**
(Transient Overvoltage, tTR = 10 sec)
VTR
6000
Vpeak
Safety-limiting values (Maximum values allowed in the event
of a failure, also see Figure 16)
Case Temperature
TSI
175
°C
Input Power
PSI,Input
80
mW
Output Power
PSI,Output
250
mW
Insulation Resistance at TSI, VIO = 500 V
RIS
≥1011
Ω
* This part may also be used in Pollution Degree 3 environments where the rated mains voltage is
≤ 300 VRMS
(per DIN VDE 0190/12.83).
**Refer to the front of the optocoupler section of the current Optoelectronics Designers Catalog for a more detailed description of
IEC/EN/DIN EN 60747-5-2 and other product safety regulations.
Insulation Related Specifications
Parameter
Symbol
Value
Units
Conditions
Minimum External Clearance
L (IO1)
7.0
mm
Measured from input terminals
(External Air Gap)
to output terminals
Minimum External Creepage
L (IO2)
8.0
mm
Measured from input terminals
(External Tracking)
to output terminals
Minimum Internal Clearance
0.5
mm
Through insulation distance
(Internal Plastic Gap)
from conductor to conductor
Comparative Tracking Index
CTI
175
V
DIN IEC 112/VDE 303 P1
Isolation Group (per DIN VDE 0109)
IIIa
Material Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com