Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7601 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-7601
Description  CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7601 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 13Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Figure 17. Recommended Interface Circuits.
VCC = 5 V
*74LS04
I k
Ω
(MAX.)
SHIELD
DEVICE
8
6
5
390
0.1 µF
BYPASS
GND 2
VCC2
2
3
(INPUT DRIVE CIRCUIT)
2N3906**
*ANY TTL GATE
**ANY PNP TRANSITOR
CMOS OR TTL INTERFACE CIRCUIT
VCC = 5 V
*74HC04
I k
Ω
(MAX.)
1N4148
*ANY CMOS HC OR HCT GATE
CMOS DRIVE CIRCUIT FOR
LOW POWER APPLICATIONS
VCC = 5 V
*74LS05
620
Ω
(MAX.)
*ANY OPEN COLLECTOR TTL
OR OPEN DRAIN CMOS GATE
INPUT DRIVE CIRCUIT
FOR HIGH CMR APPLICATIONS
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com