Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7601 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-7601
Description  CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7601 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7601 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Switching Specifications
Over recommended temperature (TA = -40
°C to 85°C), VCC = 5 V, CL = 15 pF
Parameter Symbol Device Min.
Typ.* Max. Unit
Test Conditions
Fig. Note
Propagation
tPLH
25
58
75
TA = 25
°CIF = 2 mA,
7, 8, 4, 10
Delay Time
100
RL = 1 k
Ω
10
to High
25
55
75
TA = 25
°CIF = 4 mA
Output
100
RL = 350
Ω
Level
Propagation
35
73
100
ns
TA = 25
°CIF = 2 mA
7, 9, 5, 10
Delay Time
tPHL
120
RL = 1 k
Ω
10
to Low
25
57
75
TA = 25
°CIF = 4 mA
Output
100
RL = 350
Ω
Level
Pulse Width |tPHL-tPLH|16
55
IF = 2 mA
RL = 1 k
Ω
11,
4, 5
Distortion
4
40
IF = 4 mA
RL = 350
Ω
12
Propagation
tPSK
75
IF = 2 mA
RL = 1 k
Ω
6, 10
Delay Skew
40
IF = 4 mA
RL = 350
Ω
Output Rise
trise
58
IF = 2 mA
RL = 1 k
Ω
13
Time
24
IF = 4 mA
RL = 350
Ω
(10% - 90%)
Output Fall
tfall
10
IF = 2 - 4 mA
RL = 350 - 1 k
Ω 13
Time
(10% - 90%)
Common
CMH
HCPL- 1,000
5,000
VCM = 50 V
IF = 0 mA
14
7
Mode
7601
Vo(min) = 2 V
Transient
RL = 350 - 1 k
Ω
Immunity at
HCPL- 10,000 15,000
VCM = 1000 V
TA = 25
°C
High Output
7611
Level
Common
CML
HCPL- 1,000
5,000
V/
µsIF = 2 - 4 mA
Vo(max) = 0.8 V
14
8
Mode
7601
RL = 350 - 1 k
Ω TA = 25°C
Transient
VCM = 50 V
Immunity at
HCPL- 2,000
5,000
IF = 2 mA
Low Output
7611
RL = 1 k
Ω
Level
VCM = 1000 V
10,000 15,000
IF = 4 mA
RL = 350
Ω
VCM = 1000 V
*All typicals at TA = 25°C, VCC = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com