Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7601 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-7601
Description  CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7601 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 13Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Notes:
1. Bypassing of the power supply line is
required with a 0.1
µF ceramic disc
capacitor adjacent to each opto-
coupler, as illustrated in Figure 15.
Total lead length between both ends
of the capacitor and the isolator pins
should not exceed 10 mm.
2. Peaking circuits may produce
transient input currents up to 50 mA,
50 ns maximum pulse width,
provided average current does not
exceed 20 mA.
3. Device considered a two terminal
device: pins 1 , 2, 3, and 4 shorted
together, and pins 5, 6, 7, and 8
shorted together.
4. The tPLH propagation delay is
measured from the 50% point on the
trailing edge of the input pulse to
the 1.5 V point on the trailing edge
of the output pulse.
5. The tPHL propagation delay is
measured from the 50% point on the
leading edge of the input pulse to the
1.5 V point on the leading edge of the
output pulse.
6. tPSK is equal to the worst case
difference in tPHL and/or tPLH that
will be seen between units at any
given temperature within the
operating condition range.
7. CMH is the maximum tolerable rate
of rise of the common mode voltage
to assure that the output will remain
in a high logic state (i.e., VOUT > 2.0 V).
8. CML is the maximum tolerable rate
of fall of the common mode voltage to
assure that the output will remain in
a low logic state (i.e., VOUT < 0.8 V).
This specification assumes that good
board layout procedures were
followed to reduce the effective
input/output capacitance as shown
in Figure 15.
9. In accordance with UL and CSA
requirements, each optocoupler is
proof tested by applying an insula-
tion test voltage
≥ 5000 Vrms for one
second (leakage detection current
limit, II-O ≤ 5 µA).
10. AC performance at IF = 4 mA is
approximately equivalent to the
HCPL-2601/11 at IF = 7.5 mA for
comparison purposes.
Figure 2. Low Level Output Voltage
vs. Temperature.
Figure 1. High Level Output
Current vs. Temperature.
Figure 3. Typical Input Forward
Current vs. Input Forward Voltage.
Figure 5. Input Threshold Current
vs. Temperature.
Figure 6. Low Level Output Current
vs. Temperature.
Figure 4. Output Voltage vs.
Forward Input Current.
15
10
5
0
-60 -40 -20
0
20
40
60
80 100
VCC = 5.5 V
VO = 5.5 V
VIN = 0.8 V
TA – TEMPERATURE – °C
-60 -40 -20
0
20
40
60
80 100
VCC = 5.5 V
IF = 2 - 4 mA
TA – TEMPERATURE – °C
0.3
0.4
0.5
IO = 13.0 mA
IO = 16.0 mA
0.2
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VF – INPUT FORWARD VOLTAGE – V
TA = 85° C
TA = 25° C
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
2.0
TA = -40° C
5.0
4.0
2.0
0
0
0.5
1.0
1.5
2.0
IF – FORWARD INPUT CURRENT – mA
3.0
1.0
RL = 350 Ω
RL = 1 kΩ
RL = 4 kΩ
2.0
1.5
0.5
0
-60 -40 -20
0
20
40
60
80 100
TA – TEMPERATURE – °C
1.0
VCC = 5.0 V
VO = 0.6 V
IO = 13.0 mA
2.5
50
45
35
30
-50
-30
-10
10
30
50
70
90
TA – TEMPERATURE – °C
40
55
VCC = 5 V
VOL = 0.6 V
IF = 4 mA
IF = 2 mA
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com