Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7601 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-7601
Description  CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7601 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7601 Datasheet HTML 13Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Figure 14. Test Circuit for Common Mode Transient
Immunity and Typical Waveforms.
Figure 16. Dependence of Safety-
Limiting Data on Ambient Temperature.
Figure 15. Recommended Printed Circuit Board Layout.
VO
0.35 V
VO (MIN.)
5 V
0 V
SWITCH AT A: IF = 0 mA
SWITCH AT B: IF = 2 or 4 mA
VCM
CMH
CML
VO (MAX.)
VCM (PEAK)
VO
+5 V
0.1 µF
BYPASS
+
_
RL
VFF
B
A
OUTPUT VO
MONITORING
NODE
IF
PULSE
GENERATOR
ZO = 50 Ω
VCC
GND
18
27
36
45
VCM
0.1µF
GND BUS
10 mm MAX.
(SEE NOTE 1)
OUTPUT
VCC BUS
50
40
30
0
0
25
50
75
100 125 140 150 175
TA – TEMPERATURE – °C
20
10
250
220
200
150
100
50
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com