Electronic Components Datasheet Search
  English  ▼

X  

MSM7705 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7705
Description  4ch Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7705 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM7705 Datasheet HTML 2Page - OKI electronic componets MSM7705 Datasheet HTML 3Page - OKI electronic componets MSM7705 Datasheet HTML 4Page - OKI electronic componets MSM7705 Datasheet HTML 5Page - OKI electronic componets MSM7705 Datasheet HTML 6Page - OKI electronic componets MSM7705 Datasheet HTML 7Page - OKI electronic componets MSM7705 Datasheet HTML 8Page - OKI electronic componets MSM7705 Datasheet HTML 9Page - OKI electronic componets MSM7705 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
¡ Semiconductor
MSM7705-01/02/03
6/20
XSYNC
Transmit synchronizing signal input.
PCM output signal from the DOUT1, DOUT2, DOUT3, and DOUT4 pins is output in
synchronization with this transmit synchronizing signal. This synchronizing signal triggers the
PLL and synchronizes all timing signals of the transmit section.
This synchronizing signal must be synchronized in phase with BCLK.
The frequency should be 8 kHz
±50 ppm to guarantee the AC characteristics which are mainly
the frequency characteristics of the transmit section.
However, this device can be operated in the range of 6 kHz to 10 kHz unless the frequency
characteristics of the system used are strictly specified, but the electrical characteristics are not
guaranteed.
Setting this signal to logic "1" or "0" drives both transmit and receive circuits to power saving
state.
DOUT1
PCM signal output of channel 1 when the parallel mode is selected.
The PCM output signal is output from MSD in a sequential order, synchronizing with the rising
edge of the BCLK signal.
MSD may be output at the rising edge of the XSYNC signal, based on the timing between BCLK
and XSYNC.
This pin is in a high impedance state except during 8-bit PCM output. It is also in a high
impedance state during power-saving state or power-down state.
When the serial mode is selected, this pin is configured to be the output of serial multiplexed 4ch
PCM signal.
A pull-up resistor must be connected to this pin because it is an open drain output.
This device is compatible with the ITU-T recommendation on coding law and output coding
format.
The MSM7705-03 (A-law) outputs the character signal, inverting the even bits.
Input/Output Level
+Full scale
+0
–0
–Full scale
PCMIN/PCMOUT
MSM7705-02 (
m-law)
MSD
1000
0000
1111
1111
0111
1111
0000
0000
MSM7705-03 (A-law)
MSD
1010
1010
1101
0101
0101
0101
0010
1010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com