Electronic Components Datasheet Search
  English  ▼

X  

MSM7705 Datasheet(PDF) 15 Page - OKI electronic componets

Part # MSM7705
Description  4ch Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7705 Datasheet(HTML) 15 Page - OKI electronic componets

Back Button MSM7705 Datasheet HTML 11Page - OKI electronic componets MSM7705 Datasheet HTML 12Page - OKI electronic componets MSM7705 Datasheet HTML 13Page - OKI electronic componets MSM7705 Datasheet HTML 14Page - OKI electronic componets MSM7705 Datasheet HTML 15Page - OKI electronic componets MSM7705 Datasheet HTML 16Page - OKI electronic componets MSM7705 Datasheet HTML 17Page - OKI electronic componets MSM7705 Datasheet HTML 18Page - OKI electronic componets MSM7705 Datasheet HTML 19Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
¡ Semiconductor
MSM7705-01/02/03
15/20
APPLICATION CIRCUIT
Example of Basic Connection (PCM Serial Mode Operation)
CH1
Analog Input
CH1
Analog Output
CH2
Analog Input
CH2
Analog Output
0 V
+5 V
0.1 mF
10 mF1 mF
+
AIN1
4ch Multiplex PCM
Signal Output
GSX1
AOUT1
AIN2
GSX2
AOUT2
SGC
AG
DG
DOUT1
DOUT2
DIN4
BCLK
XSYNC
PDN
DIN1
RSYNC
CHPS
VDD
+5 V
1 kW
(Open)
4ch Multiplex PCM
Signal Input
0 V
Bit Clock Input
Sync Pulse Input
Power Down Control Input
1 : Operation
0 : Power Down
0 V
MSM7705-01
CH3
Analog Input
CH3
Analog Output
CH4
Analog Input
CH4
Analog Output
AIN3
GSX3
AOUT3
AIN4
GSX4
AOUT4
DOUT3
(Open)
DOUT4
(Open)
DIN2
DIN3
VDD
AG
DG
ALAW
Companding Law Control Input
1 : A-law
0 : m-law
1 mF
20 kW
20 kW
1 mF
20 kW
20 kW
1 mF
20 kW
20 kW
1 mF
20 kW
20 kW
1 mF
1 mF
1 mF
1 mF
0 to 20 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com