Electronic Components Datasheet Search
  English  ▼

X  

MSM7705 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM7705
Description  4ch Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7705 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM7705 Datasheet HTML 5Page - OKI electronic componets MSM7705 Datasheet HTML 6Page - OKI electronic componets MSM7705 Datasheet HTML 7Page - OKI electronic componets MSM7705 Datasheet HTML 8Page - OKI electronic componets MSM7705 Datasheet HTML 9Page - OKI electronic componets MSM7705 Datasheet HTML 10Page - OKI electronic componets MSM7705 Datasheet HTML 11Page - OKI electronic componets MSM7705 Datasheet HTML 12Page - OKI electronic componets MSM7705 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
¡ Semiconductor
MSM7705-01/02/03
9/20
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Parameter
Power Supply Voltage
Analog Input Voltage
Digital Input Voltage
Storage Temperature
Symbol
VDD
VAIN
VDIN
TSTG
Condition
—
—
—
—
Rating
0 to 7.0
–0.3 to VDD + 0.3
–0.3 to VDD + 0.3
–55 to +150
Unit
V
V
V
°C
Parameter
Power Supply Voltage
Operating Temperature
Analog Input Voltage
High Level Input Voltage
Low Level Input Voltage
Clock Frequency
Sync Pulse Frequency
Clock Duty Ratio
Digital Input Rise Time
Digital Input Fall Time
Transmit Sync Pulse Setting Time
Receive Sync Pulse Setting Time
Sync Pulse Width
DIN Setup Time
DIN Hold Time
Digital Output Load
Analog Input Allowable DC Offset
Allowable Jitter Width
Symbol
VDD
Ta
VAIN
VIH
VIL
FC
FS
DC
tIr
tIf
tXS
tSX
tRS
tSR
tWS
tDS
tDH
RDL
CDL
Voff
—
Condition
Voltage must be fixed
—
Gain = 1
XSYNC, RSYNC, BCLK, DIN1,
DIN2, DIN3, DIN4, PDN,
CHPS, ALAW
BCLK = (When in 4ch serial
mode, 64, 96, 128, 192 kHz
are not used)
XSYNC, RSYNC
BCLK
XSYNC, RSYNC, BCLK, DIN1,
DIN2, DIN3, DIN4, PDN, CHPS
BCLKÆXSYNC, See Fig. 1
BCLKÆRSYNC, See Fig. 1
XSYNC, RSYNC
DIN1, DIN2, DIN3, DIN4
DIN1, DIN2, DIN3, DIN4
DOUT1, DOUT2,
Transmit gain stage, Gain = 1
XSYNC, RSYNC
XSYNCÆBCLK, See Fig. 1
RSYNCÆBCLK, See Fig. 1
Transmit gain stage, Gain = 10
DOUT3, DOUT4
Pull-up resistor
—
Min.
4.75
–30
—
2.2
0
64, 128, 256, 512, 1024,
2048, 96, 192, 384, 768,
1536, 1544
6.0
40
—
—
100
100
100
100
1 BCLK
100
100
0.5
—
VDD/2 –100
—
VDD/2 –10
Typ.
5.0
+25
—
—
—
8.0
50
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Max.
5.25
+85
3.4
VDD
0.8
10.0
60
50
50
—
—
—
—
100
—
—
—
100
VDD/2 +100
500
VDD/2 +10
Unit
V
°C
VPP
V
V
kHz
%
ns
ns
ns
ns
ns
ns
ms
ns
ns
kW
pF
mV
ns
mV
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com