Electronic Components Datasheet Search
  English  ▼

X  

MSM7705 Datasheet(PDF) 17 Page - OKI electronic componets

Part # MSM7705
Description  4ch Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7705 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button MSM7705 Datasheet HTML 12Page - OKI electronic componets MSM7705 Datasheet HTML 13Page - OKI electronic componets MSM7705 Datasheet HTML 14Page - OKI electronic componets MSM7705 Datasheet HTML 15Page - OKI electronic componets MSM7705 Datasheet HTML 16Page - OKI electronic componets MSM7705 Datasheet HTML 17Page - OKI electronic componets MSM7705 Datasheet HTML 18Page - OKI electronic componets MSM7705 Datasheet HTML 19Page - OKI electronic componets MSM7705 Datasheet HTML 20Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
¡ Semiconductor
MSM7705-01/02/03
17/20
BCLK (kHz)
64
128
256
512
1024
1544
2048
385.6
190.3
92.7
43.8
19.4
11.2
7.2
CL = 10 pF
192.8
95.2
46.3
21.9
9.7
5.6
3.6
CL = 20 pF
77.1
38.1
18.5
8.8
3.9
2.2
1.4
CL = 50 pF
38.6
19.0
9.3
4.4
1.9
1.1
0.7
CL = 100 pF
Rpull (kW)
Choice of Actual Resistor Value
If the calculated value is more than or equal to 100 kW, 100 kW should be employed. +10% of the
calculated value is within a tolerance, thus, for example, the value of 10 kW can be used for the
calculated value of 9.3 kW in the above examples.
Channel Crosstalk
The MSM7705 contains the 4-channel CODEC. The circuit and trace design and pin layout are
made to minimize crosstalk between channels inside the LSI device provided the following
should be taken into consideration.
Transmit side
The GSX1 – AIN2, AIN3, and AIN4 traces should not be kept closer.
The GSX2 – AIN1, AIN3, and AIN4 traces should not be kept closer.
The GSX3 – AIN1, AIN2, and AIN4 traces should not be kept closer.
The GSX4 – AIN1, AIN2, and AIN3 traces should not be kept closer.
AIN1, AIN2, AIN3, and AIN4, which are op-amp inverting input pins, have higher resistance,
therefore proximity of these lines to signal lines of other channels may cause crosstalk.
Receive side
The channel outputs AOUT1, AOUT2, AOUT3, and AOUT4 of the receive side are amplifier
outputs with lower resistance, thus crosstalk due to PCB traces is smaller. Nevertheless, the
PCB traces should not be run closer together and in parallel wherever possible.
Calculation Example for Typical Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com