Electronic Components Datasheet Search
  English  ▼

X  

MSM7705 Datasheet(PDF) 19 Page - OKI electronic componets

Part # MSM7705
Description  4ch Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7705 Datasheet(HTML) 19 Page - OKI electronic componets

Back Button MSM7705 Datasheet HTML 12Page - OKI electronic componets MSM7705 Datasheet HTML 13Page - OKI electronic componets MSM7705 Datasheet HTML 14Page - OKI electronic componets MSM7705 Datasheet HTML 15Page - OKI electronic componets MSM7705 Datasheet HTML 16Page - OKI electronic componets MSM7705 Datasheet HTML 17Page - OKI electronic componets MSM7705 Datasheet HTML 18Page - OKI electronic componets MSM7705 Datasheet HTML 19Page - OKI electronic componets MSM7705 Datasheet HTML 20Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
¡ Semiconductor
MSM7705-01/02/03
19/20
NOTES ON USED
• To ensure proper electrical characteristics, use bypass capacitors with excellent high frequency
characteristics for the power supply and keep them as close as possible to the device pins.
• Connect the AG pin and the DG pin as close as possible. Connect to the system ground with
low impedance.
• Mount the device directly on the board when mounted on PCBs. Do not use IC sockets. If the
use of IC socket is unavoidable, use the short lead type socket.
• When mounted on a frame, use electro-magnetic shielding, if any electro-magnetic wave
sources such as power supply transformers surround the device.
• Keep the voltage on the VDD pin not lower than –0.3 V even instantaneously to avoid latch-
up that may otherwise occur when power is turned on.
• Use a low noise (particularly, low level type of high frequency spike noise or pulse noise)
power supply to avoid erroneous operation and the degradation of the characteristics of these
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com