Electronic Components Datasheet Search
  English  ▼

X  

IRMCF188TY Datasheet(PDF) 30 Page - International Rectifier

Part # IRMCF188TY
Description  High Performance Sensorless Motor Control IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF188TY Datasheet(HTML) 30 Page - International Rectifier

Back Button IRMCF188TY Datasheet HTML 26Page - International Rectifier IRMCF188TY Datasheet HTML 27Page - International Rectifier IRMCF188TY Datasheet HTML 28Page - International Rectifier IRMCF188TY Datasheet HTML 29Page - International Rectifier IRMCF188TY Datasheet HTML 30Page - International Rectifier IRMCF188TY Datasheet HTML 31Page - International Rectifier IRMCF188TY Datasheet HTML 32Page - International Rectifier IRMCF188TY Datasheet HTML 33Page - International Rectifier IRMCF188TY Datasheet HTML 34Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
IRMCF188
30
www.irf.com
© 2014 International Rectifier
March 10, 2017
7
I/O Structure
The following figure shows the PWM output (PWMUH/PWMUL/PWMVH/PWMVL/PWMWH/PWMWL/PFCPWM)
270
6.0V
6.0V
Internal digital circuit
High true logic
VDD1
(3.3V)
VSS
58k
PIN
Figure 19. PWMUL/PWMUH/PWMVL/PWMVH/PWMWL/PWMWH/PFCPWM output
The following figure shows the digital I/O structure except the PWM output
6.0V
6.0V
Internal digital circuit
Low true logic
VDD1
(3.3V)
70k
PIN
VSS
270
Figure 20. All digital I/O except PWM output
The following figure shows RESET and GATEKILL I/O structure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com