Electronic Components Datasheet Search
  English  ▼

X  

IRMCF188TY Datasheet(PDF) 12 Page - International Rectifier

Part # IRMCF188TY
Description  High Performance Sensorless Motor Control IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF188TY Datasheet(HTML) 12 Page - International Rectifier

Back Button IRMCF188TY Datasheet HTML 8Page - International Rectifier IRMCF188TY Datasheet HTML 9Page - International Rectifier IRMCF188TY Datasheet HTML 10Page - International Rectifier IRMCF188TY Datasheet HTML 11Page - International Rectifier IRMCF188TY Datasheet HTML 12Page - International Rectifier IRMCF188TY Datasheet HTML 13Page - International Rectifier IRMCF188TY Datasheet HTML 14Page - International Rectifier IRMCF188TY Datasheet HTML 15Page - International Rectifier IRMCF188TY Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
IRMCF188
12
www.irf.com
© 2014 International Rectifier
March 10, 2017
Fault
GATEKILL
Input, upon assertion this negates all six PWM signals, active low, internally pulled up
by 70kΩ
PFCGKILL
Input, upon assertion, this negates PFCPWM signal, active low, internally pulled up by
70kΩ
4.3
Analog Interface Group
AVSS
Analog power return, (analog internal 1.8V power is shared with VDDCAP)
AREF
0.6V buffered output
CMEXT
Unbuffered 0.6V, input to the AREF buffer, capacitor needs to be connected.
OP1+
Input, Operational amplifier positive input for application sensing
OP1-
Input, Operational amplifier negative input for application sensing
OP1O
Output, Operational amplifier output for application sensing
OP2+
Input, Operational amplifier positive input for application sensing
OP2-
Input, Operational amplifier negative input for application sensing
OP2O
Output, Operational amplifier output for application sensing
OP3+
Input, Operational amplifier positive input for application sensing
OP3-
Input, Operational amplifier negative input for application sensing
OP3O
Output, Operational amplifier output for application sensing
VDCBUS
Input, Analog input channel (0
– 1.2V), allocated for DC bus voltage input
AIN1
Input, Analog input channel 1 (0
– 1.2V), needs to be pulled down to AVSS if unused
AIN2
Input, Analog input channel 2 (0
– 1.2V), needs to be pulled down to AVSS if unused
AIN3
Input, Analog input channel 3 (0
– 1.2V), needs to be pulled down to AVSS if unused
AIN4
Input, Analog input channel 4 (0
– 1.2V), needs to be pulled down to AVSS if unused
ADCH
Input, Analog input channel dedicated for A/D compensation (0
– 1.2V), needs to be
pulled down to AVSS if unused
ADCL
Input, Analog input channel dedicated for A/D compensation (0
– 1.2V), internally
biased to 0.6V, see Figure 23 for internal structure
Analog Channel
Leg Shunt Mode
Single Shunt Mode
Pin number(s)
OP1
PFC Current
AC Voltage
19, 20, 21
OP2
Motor U Phase Current
Motor Shunt Current
28, 29, 30
OP3
Motor V Phase Current
PFC Current
34, 35, 36
AIN1
AC Voltage
Unallocated
23
Table 1. Analog channel sensing functions in Leg and Single Shunt Modes
4.4
Power Interface Group
VDD1
Digital power (3.3V)
VDDCAP
Internal 1.8V output, requires capacitors to the pin. Shared with analog power pad
internally
Note: The internal 1.8V supply is not designed to power any external circuits or
devices. Only capacitors should be connected to this pin.
VSS
Digital common
4.5
Test Interface Group
P5.2/TMS
JTAG test mode input or input digital port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com