Electronic Components Datasheet Search
  English  ▼

X  

IRMCF188TY Datasheet(PDF) 9 Page - International Rectifier

Part # IRMCF188TY
Description  High Performance Sensorless Motor Control IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF188TY Datasheet(HTML) 9 Page - International Rectifier

Back Button IRMCF188TY Datasheet HTML 5Page - International Rectifier IRMCF188TY Datasheet HTML 6Page - International Rectifier IRMCF188TY Datasheet HTML 7Page - International Rectifier IRMCF188TY Datasheet HTML 8Page - International Rectifier IRMCF188TY Datasheet HTML 9Page - International Rectifier IRMCF188TY Datasheet HTML 10Page - International Rectifier IRMCF188TY Datasheet HTML 11Page - International Rectifier IRMCF188TY Datasheet HTML 12Page - International Rectifier IRMCF188TY Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
IRMCF188
9
www.irf.com
© 2014 International Rectifier
March 10, 2017
4
Application connection and Pin function
Figure 4 shows the application connections in leg shunt mode. Figure 5 shows the application connections in
single shunt mode.
P1.2/ TXD
P1.1/ RXD
XTAL0
PWMUH
PWMUL
PWMVH
PWMVL
PWMWH
PWMWL
GATEKILL
AIN2
– AIN4
Host
Microcontroller
(RS232C)
Digital I/O
Control
System
Clock
4 MHz
Crystal
P2.6/ AOPWM0
Analog Output
XTAL1
P3.0/ INT2
RESET
TDI
JTAG Control
( OTP programming
& Emulation)
T CLK
TSM
TDO
0.6V
OP2+
OP2-
-
OP2O
Other analog input (0
– 1,2V)
AVDD
1.8V
AVSS
VDD1
3.3V
VSS
CMEXT
OP3+
OP3- -
OP3O
OP1+
OP1-
-
OP1O
Optional External Voltage
Reference (0.6V)
P2.7/ AOPWM1
SCL
SDA
Other Communication
(I
2 C)
Frequency
Synthesizer
RS232C
I
2 C/SPI
PORT1
PORT2
RESET
PWM0
PWM1
JTAG
Interface
Low Loss
Space
Vector
PWM
S/H
8051
CPU
Dual
Port
Memory
(2kB)
&
MCE
Memory
(12kB)
Motion
Control
Modules
Motion
Control
Sequencer
12-bit
A/D &
MUX
System
clock
Local
RAM
(2 kByte)
Program
Flash
(64 kByte)
System
Reset
Watchdog
Timer
Timers
IRMCF188
AREF
PWM2
P3.1/ AOPWM2
PORT3
P1.5
P1.6
P1.7
P2.2
P2.0/ NMI
P2.3
P3.2/ INT0
3
1.8V
Voltage
Regulator
VDDCAP
3.3V
Motor shunt
resistors
P3.3
P3.4
P3.5
P2.1
Motor
HVIC
Gate Drive
IRS2336D
0.6V
Motor
Current
Reconstruct
0.2V
From PFC
shunt
AC 230V
PFCPWM
PFC GATEKILL
PFC shunt
resistor
P1.3/SYNC
P1.0/T2
P1.4/CAP
S/H
ADCH, ADCL
2
A/D Calibration Reference
Voltages
From AC
Voltage
VDCBUS
VAC+
VAC-
VACO
0.2V
AIN1
Figure 4. IRMCF188 Leg Shunt Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com