Electronic Components Datasheet Search
  English  ▼

X  

IRMCF188TY Datasheet(PDF) 34 Page - International Rectifier

Part # IRMCF188TY
Description  High Performance Sensorless Motor Control IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF188TY Datasheet(HTML) 34 Page - International Rectifier

Back Button IRMCF188TY Datasheet HTML 30Page - International Rectifier IRMCF188TY Datasheet HTML 31Page - International Rectifier IRMCF188TY Datasheet HTML 32Page - International Rectifier IRMCF188TY Datasheet HTML 33Page - International Rectifier IRMCF188TY Datasheet HTML 34Page - International Rectifier IRMCF188TY Datasheet HTML 35Page - International Rectifier IRMCF188TY Datasheet HTML 36Page - International Rectifier IRMCF188TY Datasheet HTML 37Page - International Rectifier IRMCF188TY Datasheet HTML 38Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
IRMCF188
34
www.irf.com
© 2014 International Rectifier
March 10, 2017
8
Pin List
Pin
Number
Pin Name
Internal Pull-
up /Pull-down
Pin
Type
Description
1
XTAL0
I
Crystal input
2
XTAL1
O
Crystal output
3
P1.0/T2
I/O
Discrete programmable I/O or Timer/Counter 2 input
4
SCL/SO-SI
I/O
I
2C clock output (open drain, need pull up) or SPI data
5
SDA/CS0
I/O
I
2C data (open drain, need pull up) or SPI Chip Select
0
6
P1.3/SYNC/SCK
I/O
Discrete programmable I/O or SYNC output or SPI
clock output
7
P1.4/CAP
I/O
Discrete programmable I/O or Capture timer input
8
P1.6
I/O
Discrete programmable I/O
9
P1.7
Discrete programmable I/O
10
VDD1
P
3.3V digital power
11
VSS
P
Digital common
12
VDDCAP
P
Internal 1.8V output, Capacitor(s) to be connected
13
P2.0/NMI
I/O
Discrete programmable I/O or Non-maskable Interrupt
input
14
P3.2/INT0
I/O
Discrete programmable I/O or Interrupt 0 input
15
P2.2
I/O
Discrete programmable I/O
16
P2.3
I/O
Discrete programmable I/O
17
P2.6/AOPWM0
I/O
Discrete programmable I/O or PWM 0 digital output
18
P2.7/AOPWM1
I/O
Discrete programmable I/O or PWM 1 digital output
19
OP1O
O
Op amp output for application sensing, 0-1.2V range
20
OP1-
I
Op amp negative input for application sensing, 0-1.2V
range, needs to be pulled down to AVSS if unused
21
OP1+
I
Op amp positive input for application sensing, 0-1.2V
range, needs to be pulled down to AVSS if unused
22
VDCBUS
I
Analog input channel (0
– 1.2V), allocated for DC bus
voltage input, needs to be pulled down to AVSS if
unused
23
AIN1
I
Analog input channel 1, 0-1.2V range, needs to be
pulled down to AVSS if unused
24
AIN2
I
Analog input channel 2, 0-1.2V range, needs to be
pulled down to AVSS if unused
25
AIN3
I
Analog input channel 3, 0-1.2V range, needs to be
pulled down to AVSS if unused
26
AIN4
I
Analog input channel 4, 0-1.2V range, needs to be
pulled down to AVSS if unused
27
ADCH
I
Input, Analog input channel dedicated for A/D
compensation (0
– 1.2V), needs to be pulled down to
AVSS if unused
28
OP2-
I
Op amp negative input for application sensing, 0-1.2V
range, needs to be pulled down to AVSS if unused
29
OP2+
I
Op amp positive input for application sensing, 0-1.2V
range, needs to be pulled down to AVSS if unused
30
OP2O
O
Op amp output for application sensing, 0-1.2V range
31
CMEXT
O
Unbuffered 0.6V output. Capacitor needs to be
connected.
32
AREF
O
Analog reference voltage output (0.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com