Electronic Components Datasheet Search
  English  ▼

X  

IRMCF188TY Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCF188TY
Description  High Performance Sensorless Motor Control IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF188TY Datasheet(HTML) 1 Page - International Rectifier

  IRMCF188TY Datasheet HTML 1Page - International Rectifier IRMCF188TY Datasheet HTML 2Page - International Rectifier IRMCF188TY Datasheet HTML 3Page - International Rectifier IRMCF188TY Datasheet HTML 4Page - International Rectifier IRMCF188TY Datasheet HTML 5Page - International Rectifier IRMCF188TY Datasheet HTML 6Page - International Rectifier IRMCF188TY Datasheet HTML 7Page - International Rectifier IRMCF188TY Datasheet HTML 8Page - International Rectifier IRMCF188TY Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Rev.B
IRMCF188
1
www.irf.com
© 2014 International Rectifier
March 10, 2017
High Performance Sensorless Motor Control IC
Description
IRMCF188 is a high performance Flash based motion control IC designed and optimized for complete air
conditioner control which contains two computation engines integrated into one monolithic chip. One is the
Flexible Motion Control Engine (MCE
TM) for sensorless control of permanent magnet motors or induction motors;
the other is an 8-bit high-speed microcontroller (8051). The user can program a motion control algorithm by
connecting these control elements using a graphic compiler. Key components of the complex sensorless control
algorithms, such as the Angle Estimator, are provided as complete pre-defined control blocks. A unique
analog/digital circuit and algorithm fully supports single shunt or leg shunt current reconstruction. IRMCF188
performs a PFC (Power Factor Correction) function in addition to the motor control. IRMCF188 comes in a 64 pin
QFP package.
Features
MCE
TM
(Flexible
Motion
Control
Engine)
-
Dedicated computation engine for high efficiency
sinusoidal sensorless motor control
Built-in hardware peripheral for single or two shunt
current
feedback
reconstruction
and
analog
circuits
Supports induction machine and both interior and
surface permanent magnet motor sensorless
control
Dedicated PFC PWM for digital PFC control
Loss minimization Space Vector PWM
Three-channel analog output (PWM)
Embedded 8-bit high speed microcontroller (8051)
for flexible I/O and man-machine control
JTAG programming port for emulation/debugger
Serial communication interface (UART)
I2C/SPI serial interface
Three general purpose timers/counters
Two special timers: periodic timer, capture timer
Watchdog timer with independent internal clock
Internal 64 Kbyte flash memory
3.3V single supply
Product Summary
Maximum clock input (fcrystal)
60 MHz
Maximum Internal clock (SYSCLK)
120MHz
Maximum 8051 clock (8051CLK)
30MHz
MCE
TM computation data range
16 bit signed
8051 Program Flash
52KB
8051/MCE Data RAM
4KB
MCE Program RAM
12KB
GateKill latency (digital filtered)
2 μsec
PWM carrier frequency
20 bits/ SYSCLK
A/D input channels
10
A/D converter resolution
12 bits
A/D converter conversion speed
2 μsec
Analog output (PWM) resolution
8 bits
UART baud rate (typ)
57.6 Kbps
Number of digital I/O (max)
24
Package (lead free)
QFP64
Typical 3.3V operating current
30mA
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRMCF188
LQFP64
Tape and Reel
1500
IRMCF188TR
IRMCF188
LQFP64
Tray
1600
IRMCF188TY


Similar Part No. - IRMCF188TY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF188 IRF-IRMCF188 Datasheet
595Kb / 38P
High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188_15 Datasheet
595Kb / 38P
High Performance Sensorless Motor Control IC
More results

Similar Description - IRMCF188TY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171 Datasheet
447Kb / 36P
High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
High Performance Sensorless Motor Control IC
IRMCF183 IRF-IRMCF183_15 Datasheet
812Kb / 31P
High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188_15 Datasheet
595Kb / 38P
High Performance Sensorless Motor Control IC
IRMCF588Q IRF-IRMCF588Q_15 Datasheet
610Kb / 37P
Dual Motor High Performance Sensorless Control IC
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171_15 Datasheet
561Kb / 36P
High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
High Performance Sensorless Motor Control IC
IRMCK182M IRF-IRMCK182M_15 Datasheet
517Kb / 33P
High Performance Sensorless Motor Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com