Electronic Components Datasheet Search
  English  ▼

X  

TH06 Datasheet(PDF) 12 Page - HOPE Microelectronics CO., Ltd.

Part # TH06
Description  I2C HUMIDITY AND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH06 Datasheet(HTML) 12 Page - HOPE Microelectronics CO., Ltd.

Back Button TH06 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Tel:+86-755-82973805 Fax: +86-755-82973550 Email:sales@hoperf.com http://www.hoperf.com
12
4. Functional Description
Vdd
TH06
Humidity
Sensor
Temp
Sensor
1.25V
Ref
ADC
Calibration
Memory
Control Logic
I2C Interface
SDA
SCL
GND
Figure 5. TH06 Block Diagram
The TH06 is a digital relative humidity and temperature sensor that integrates temperature and humidity sensor
elements, an analog-to-digital converter, signal processing, calibration, polynomial non-linearity correction, and an
I2C interface all in a single chip. The TH06 is individually factory-calibrated for both temperature and humidity,
with the calibration data stored in on-chip non-volatile memory. This ensures that the sensor is fully
interchangeable, with no recalibration or changes to software required. Patented use of industry-standard CMOS
and low-K dielectrics as a sensor enables the TH06 to achieve excellent long term stability and immunity to
contaminants with low drift and hysteresis. The TH06 offers a low power, high accuracy, calibrated and stable
solution ideal for a wide range of temperature, humidity, and dew-point applications including medical and
instrumentation, high reliability automotive and industrial systems, and cost-sensitive consumer electronics.
While the TH06 is largely a conventional mixed-signal CMOS integrated circuit, relative humidity sensors in
general and those based on capacitive sensing using polymeric dielectrics have unique application and use
requirements that are not common to conventional (non-sensor) ICs. Chief among those are:
The need to protect the sensor during board assembly, i.e., solder reflow, and the need to subsequently
rehydrate the sensor.
The need to protect the senor from damage or contamination during the product life-cycle.
The impact of prolonged exposure to extremes of temperature and/or humidity and their potential effect on
sensor accuracy.
The effects of humidity sensor “memory”.
Each of these items is discussed in more detail in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com