Electronic Components Datasheet Search
  English  ▼

X  

TH06 Datasheet(PDF) 2 Page - HOPE Microelectronics CO., Ltd.

Part # TH06
Description  I2C HUMIDITY AND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

TH06 Datasheet(HTML) 2 Page - HOPE Microelectronics CO., Ltd.

  TH06 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. TH06 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Tel:+86-755-82973805 Fax: +86-755-82973550 Email:sales@hoperf.com http://www.hoperf.com
2
1. Electrical Specifications
Unless otherwise specified, all min/max specifications apply over the recommended operating conditions.
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Power Supply
VDD
1.9
3.6
V
Operating Temperature
TA
–40
—
+125
°C
Table 2. General Specifications
1.9 < VDD < 3.6 V; TA = –40 to 125 °C default conversion time unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage High
VIH
SCL, SDA pins
0.7xVDD
—
—
V
Input Voltage Low
VIL
SCL, SDA pins
—
—
0.3xVDD
V
Input Voltage Range
VIN
SCL, SDA pins with respect to GND
0.0
—
VDD
V
Input Leakage
IIL
SCL, SDA pins
—
—
1
µA
Output Voltage Low
VOL
SDA pin; IOL = 2.5 mA; VDD = 3.3 V
—
—
0.6
V
SDA pin; IOL = 1.2 mA;
VDD = 1.9 V
—
—
0.4
V
Current
Consumption
IDD
RH conversion in progress
—
150
180
µA
Temperature conversion in progress
—
90
120
µA
Standby, –40 to +85 °C2
—
0.06
0.62
µA
Standby, –40 to +125 °C2
—
0.06
3.8
µA
Peak IDD during powerup3
—
3.5
4.0
mA
Peak IDD during I2C operations4
—
3.5
4.0
mA
After writing to user registers5
—
20
—
µA
Heater Current6
IHEAT
—
3.1
—
mA
Notes:
1. Initiating a RH measurement will also automatically initiate a temperature measurement. The total conversion time will
be tCONV(RH) + tCONV(T).
2. No conversion or I2C transaction in progress. Typical values measured at 25 °C.
3. Occurs once during powerup. Duration is <5 msec.
4. Occurs during I2C commands for Reset, Read/Write User Registers, Read EID, and Read Firmware Version. Duration is
<100 µs when I2C clock speed is >100 kHz (>200 kHz for 2-byte commands).
5. IDD after a user register write. Initiating any other subsequent I2C transaction on the same bus (such as the user
register read, starting an RH measurement, or traffic directed at other I2C devices) will transition the device to standby
mode.
6. Additional current consumption when HTRE bit enabled. See section “5.5. Heater” for more information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com